Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-13516 Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # MGA-13516
Description  High Gain, High Linearity, Active Bias,Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-13516 Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button MGA-13516 Datasheet HTML 3Page - Broadcom Corporation. MGA-13516 Datasheet HTML 4Page - Broadcom Corporation. MGA-13516 Datasheet HTML 5Page - Broadcom Corporation. MGA-13516 Datasheet HTML 6Page - Broadcom Corporation. MGA-13516 Datasheet HTML 7Page - Broadcom Corporation. MGA-13516 Datasheet HTML 8Page - Broadcom Corporation. MGA-13516 Datasheet HTML 9Page - Broadcom Corporation. MGA-13516 Datasheet HTML 10Page - Broadcom Corporation. MGA-13516 Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
MGA-13516 Scattering Parameter and Noise Parameter Test Setup
Figure 16. Test setup for Q1 S & Noise Parameters data. R2=82ohm
(Rohm MCR01MZSJ820) and C4=33pF (Rohm MCH155A330JK).
Figure 17. Test setup for Q2 S & Noise Parameters data. C18=33pF
(Rohm MCH155A330JK) and R4=680Ω (Rohm MCR01MZSJ681).


Similar Part No. - MGA-13516

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13516 AVAGO-MGA-13516 Datasheet
723Kb / 14P
   Low Noise Amplifier
logo
Broadcom Corporation.
MGA-13516 BOARDCOM-MGA-13516 Datasheet
723Kb / 14P
   High Gain, High Linearity, Active Bias Low Noise Amplifier
More results

Similar Description - MGA-13516

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-13516 BOARDCOM-MGA-13516 Datasheet
723Kb / 14P
   High Gain, High Linearity, Active Bias Low Noise Amplifier
MGA-14516 BOARDCOM-MGA-14516 Datasheet
250Kb / 14P
   High Gain, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-14516 AVAGO-MGA-14516 Datasheet
250Kb / 14P
   High Gain, High Linearity Active Bias Low Noise Amplifier
MGA-631P8-TR1G AVAGO-MGA-631P8-TR1G Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-631P8 BOARDCOM-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-632P8 AVAGO-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
MGA-631P8 AVAGO-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-632P8 BOARDCOM-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
DEMO-MGA-633P8 BOARDCOM-DEMO-MGA-633P8 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-633P8 AVAGO-MGA-633P8_15 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com