Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-13516 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # MGA-13516
Description  High Gain, High Linearity, Active Bias,Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-13516 Datasheet(HTML) 3 Page - Broadcom Corporation.

  MGA-13516 Datasheet HTML 1Page - Broadcom Corporation. MGA-13516 Datasheet HTML 2Page - Broadcom Corporation. MGA-13516 Datasheet HTML 3Page - Broadcom Corporation. MGA-13516 Datasheet HTML 4Page - Broadcom Corporation. MGA-13516 Datasheet HTML 5Page - Broadcom Corporation. MGA-13516 Datasheet HTML 6Page - Broadcom Corporation. MGA-13516 Datasheet HTML 7Page - Broadcom Corporation. MGA-13516 Datasheet HTML 8Page - Broadcom Corporation. MGA-13516 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Demo Board Layout
Figure 5. Demo Board Layout
Notes:
• RecommendedPCBmaterialis10milsRogersRO4350.
• SuggestedcomponentvaluesmayvaryaccordingtolayoutandPCB
material.
• L1andC1formtheinputmatchingnetwork.
• L4andC7formtheoutputmatchingnetwork.
• L2,L3,C5formtheinter-stagematchingnetwork.
• R2andC4formthenetworkforexternallygainadjustmentfeature.
(optional)
• R4andC18formthenetworkforexternallygainadjustmentfeature.
(optional)
• Cs,C6,C13areRFbypasscapacitor.
• C16mitigatestheeffectofexternalnoisepickupontheVbiasline.
• R1isbiasresistorforQ1.
Figure 6. Demo Board Schematic
MAR2007
OMBAK#MBD2
AVAGO
Technologies
IN
OUT
L1
Cs
C16
L4
Vbias=5V
Vdd2=5V
L2
R1
Vdd1=5V
C10
C11
C13
C7
C6
C1
L3
R4
C18
C9
[1]
[3]
[4]
[12]
[11]
[10]
[9]
[2]


Similar Part No. - MGA-13516

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13516 AVAGO-MGA-13516 Datasheet
723Kb / 14P
   Low Noise Amplifier
logo
Broadcom Corporation.
MGA-13516 BOARDCOM-MGA-13516 Datasheet
723Kb / 14P
   High Gain, High Linearity, Active Bias Low Noise Amplifier
More results

Similar Description - MGA-13516

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-13516 BOARDCOM-MGA-13516 Datasheet
723Kb / 14P
   High Gain, High Linearity, Active Bias Low Noise Amplifier
MGA-14516 BOARDCOM-MGA-14516 Datasheet
250Kb / 14P
   High Gain, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-14516 AVAGO-MGA-14516 Datasheet
250Kb / 14P
   High Gain, High Linearity Active Bias Low Noise Amplifier
MGA-631P8-TR1G AVAGO-MGA-631P8-TR1G Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-631P8 BOARDCOM-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-632P8 AVAGO-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
MGA-631P8 AVAGO-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-632P8 BOARDCOM-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
DEMO-MGA-633P8 BOARDCOM-DEMO-MGA-633P8 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-633P8 AVAGO-MGA-633P8_15 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com