Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBA130CH_R2_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SBA130CH_R2_00001
Description  EXTREME LOW VF SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SBA130CH_R2_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SBA130CH_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. SBA130CH_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. SBA130CH_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. SBA130CH_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. SBA130CH_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PSBA120CH SERIES
September 6,2016-REV.01
Page 1
EXTREME LOW VF SCHOTTKY RECTIFIER
Voltage
20-40 V
Current
1 A
SOD-323HE
Unit: inch(mm)
Features
Ultra low forward voltage drop, low power loss
Fast switching speed
Surface mount package
Ultra thin profile package for space constrained utilization
Lead free in compliance with EU RoHS 2011/65/EU directive
Green molding compound as per IEC61249 Std. . (Halogen Free)
Applications
Low voltage rectification
Reverse polarity protection
Low power consumption applications
Mechanical Data
Case: Molded plastic, SOD-323HE
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0002 ounces, 0.005 grams
Note : 1. Mounted on a FR4 PCB, single-sided copper, with 100cm
2 copper pad area.
2. Mounted on a FR4 PCB, single-sided copper, mini pad.
3. Short duration pulse test used to minimize self-heating effect.
Maximum Ratings (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
SBA120CH
SBA130CH
SBA140CH
UNIT
Maximum repetitive peak reverse voltage
VRRM
20
30
40
V
Maximum rms voltage
VRMS
14
21
28
V
Maximum dc blocking voltage
VR
20
30
40
V
Maximum average forward rectified current
IF(AV)
1
A
Peak forward surge current : 8.3ms single half sine-
wave Superimposed on rated load
IFSM
10
A
Typical thermal resistance
(Note 1)
(Note 2)
RθJC
RθJA
50
300
oC/W
Operating junction temperature range
TJ
-55 to +150
oC
Storage temperature range
TSTG
-55 to +150
oC
Electrical Characteristics
PARAMETER
SYMBOL
TEST CONDITION
SBA120CH
SBA130CH
SBA140CH
UNIT
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
Forward voltage
VF
IF = 10mA
IF = 0.5A
IF = 1A
TJ =25
oC
0.22
0.35
-
-
-
0.45
0.22
0.36
-
-
-
0.47
0.23
0.39
-
-
-
0.51
V
IF = 10mA
IF = 0.5A
TJ =125
oC
0.09
0.27
-
-
0.1
0.3
-
-
0.1
0.33
-
-
V
Reverse current (Note 3)
IR
VR = 10V
VR = 20V
VR = 30V
VR = 40V
TJ=25
oC
7.5
-
-
-
-
100
-
-
5.9
10
-
-
-
-
100
-
3.6
4.2
6.1
-
-
-
-
100
A
VR = 20V
VR = 30V
VR = 40V
TJ =125
oC
3.2
-
-
-
-
-
2.2
3.9
-
-
-
-
1.2
1.7
2.3
-
-
-
mA


Similar Part No. - SBA130CH_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBA130CS-AU PANJIT-SBA130CS-AU Datasheet
174Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
February 1,2018-REV.00
SBA130CS-AU_R1_000A1 PANJIT-SBA130CS-AU_R1_000A1 Datasheet
174Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
February 1,2018-REV.00
SBA130CS_R1_00001 PANJIT-SBA130CS_R1_00001 Datasheet
284Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA130CS_R2_00001 PANJIT-SBA130CS_R2_00001 Datasheet
284Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SBA130CH_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBA320AL PANJIT-SBA320AL Datasheet
289Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AF PANJIT-SBA320AF_16 Datasheet
298Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBT3100XSS PANJIT-SBT3100XSS Datasheet
188Kb / 4P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA0820AS PANJIT-SBA0820AS Datasheet
204Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA0520CA PANJIT-SBA0520CA Datasheet
229Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AH PANJIT-SBA320AH Datasheet
292Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SR25UF-AU PANJIT-SR25UF-AU Datasheet
129Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA0520Q-AU PANJIT-SBA0520Q-AU Datasheet
167Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AH-AU PANJIT-SBA320AH-AU Datasheet
186Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
February 6,2018-REV.00
SBA520AF PANJIT-SBA520AF_17 Datasheet
288Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBT20100UFCT PANJIT-SBT20100UFCT_16 Datasheet
281Kb / 4P
   EXTREME LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com