Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-HSMP-38X6 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # DEMO-HSMP-38X6
Description  Quad PIN Diode ? Attenuator 300 kHz to 4 GHz in SOT 25 Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-HSMP-38X6 Datasheet(HTML) 2 Page - Broadcom Corporation.

  DEMO-HSMP-38X6 Datasheet HTML 1Page - Broadcom Corporation. DEMO-HSMP-38X6 Datasheet HTML 2Page - Broadcom Corporation. DEMO-HSMP-38X6 Datasheet HTML 3Page - Broadcom Corporation. DEMO-HSMP-38X6 Datasheet HTML 4Page - Broadcom Corporation. DEMO-HSMP-38X6 Datasheet HTML 5Page - Broadcom Corporation. DEMO-HSMP-38X6 Datasheet HTML 6Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Max Ratings [1], Tc = +25oC
Symbol
Parameter
Unit
Abs Max
If
Forward Current (1 µs Pulse)
Amp
1
PIV
Peak Inverse Voltage
V
100
Tj
Junction Temperature
°C
150
Tstg
Storage Temperature
°C
-60 to 150
qlb
Thermal Resistance [2]
°C/W
167
PIn
Input Power [3]
W
1.0
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the device.
2. Thermal Resistance is measured from junction to board using IR method.
3. The Max Input Power is tested using demoboard as shown in Figure 1 at the worst-case (highest attenuation) bias condition of V+=5V, Vc=0V.
Typical Performance, Tc = +25oC (Each Diode)
Carrier Lifetime
t(ns)
Reverse Recovery Time
Trr (ns)
Total Capacitance
CT (pF)
1500
300
0.27
Test
Condition
IF = 50mA
IR = 250 mA
VR = 10 V
IF = 20 mA
90% Recovery
VR = 50V
f = 1MHz
Typical Performance for HSMP-3816 Quad PIN Diode π Attenuator @ +25oC
Parameter
Test Condition
Units
Typical
Insertion Loss
Vc = 15V, V+ = 5V, Freq = 1GHz
dB
-3.0
Return Loss
Vc = 0V, V+ = 5V, Freq = 1GHz
dB
-22
Attenuation
Vc = 0V, V+ = 5V, Freq = 1GHz
dB
38
Input IP3
Vc = 1.5V, V+ = 5V, Freq = 1GHz
dBm
45
Input IP3
Vc = 15V, V+ = 5V, Freq = 1GHz
dBm
42
Input IP3
Vc = 1.5V, V+ = 5V, Freq = 100MHz
dBm
37
Input IP3
Vc = 15V, V+ = 5V, Freq = 100MHz
dBm
37
Input IP3
Vc = 1.5V, V+ = 5V, Freq = 30MHz
dBm
35
Input IP3
Vc = 15V, V+ = 5V, Freq = 30MHz
dBm
35
Notes :
1. Measurement above obtained using Wideband RF circuit design shown in Figure 1 & 2
Electrical Specifications, Tc = +25oC (Each Diode)
Minimum
Breakdown
Voltage
VBR (V)
Maximum
Total
Capacitance
CT (pF)
Minimum
Resistance
at IF = 0.01mA,
RH (Ω)
Maximum
Resistance
at IF = 20mA,
RL (Ω)
Maximum
Resistance
at IF = 100mA,
RT (Ω)
Resistance
at IF = 1mA,
RM (Ω)
100
0.35
1500
10
3.0
45 to 80
Test
Conditions
VR = VBR Measure
IR≤ 10uA
VR = 50V
f = 1MHz
IF = 0.01mA
f = 100MHz
IF = 20mA
f = 100MHz
IF = 100mA
f = 100MHz
IF = 1mA
f = 100MHz
Note : Rs parameters are tested under AQL 1.0


Similar Part No. - DEMO-HSMP-38X6

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-HSMP-389V BOARDCOM-DEMO-HSMP-389V Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results

Similar Description - DEMO-HSMP-38X6

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3816 BOARDCOM-HSMP-3816 Datasheet
326Kb / 6P
   Quad PIN Diode ? Attenuator 300 kHz to 4 GHz in SOT 25 Package
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3816 AVAGO-HSMP-3816 Datasheet
326Kb / 6P
   Quad PIN Diode Attenuator 300 kHz to 4 GHz in SOT 25 Package
HSMP-3866-TR1G AVAGO-HSMP-3866-TR1G Datasheet
345Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz in SOT 25 Package
logo
Broadcom Corporation.
HSMP-3866 BOARDCOM-HSMP-3866 Datasheet
345Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3816 AVAGO-HSMP-3816_15 Datasheet
326Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
HSMP-3866 AVAGO-HSMP-3866_15 Datasheet
345Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
logo
M/A-COM Technology Solu...
MA4P7455-1225 MA-COM-MA4P7455-1225_12 Datasheet
589Kb / 7P
   4 PIN diodes in a SOT-25 Plastic Package
logo
NXP Semiconductors
BAP70Q PHILIPS-BAP70Q_15 Datasheet
143Kb / 13P
   Quad PIN diode attenuator
Rev. 2-6 March 2012
logo
M/A-COM Technology Solu...
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
   PIN Diode ? Quad Attenuator
logo
NXP Semiconductors
BAP64Q PHILIPS-BAP64Q_15 Datasheet
153Kb / 13P
   Quad PIN diode attenuator
Rev. 1-7 October 2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com