Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB751V-40X Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # RB751V-40X
Description  SURFACE MOUNT SCHOTTKY DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

RB751V-40X Datasheet(HTML) 1 Page - Pan Jit International Inc.

  RB751V-40X_16 Datasheet HTML 1Page - Pan Jit International Inc. RB751V-40X_16 Datasheet HTML 2Page - Pan Jit International Inc. RB751V-40X_16 Datasheet HTML 3Page - Pan Jit International Inc. RB751V-40X_16 Datasheet HTML 4Page - Pan Jit International Inc. RB751V-40X_16 Datasheet HTML 5Page - Pan Jit International Inc. RB751V-40X_16 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
June 22,2016-REV.03
RB751V-40X
SURFACE MOUNT SCHOTTKY DIODES
VOLTAGE
40 Volt
30 mA
FEATURES
• Extremely Fast Switching Speed
• Surface mount package ideally suited for autmatic insertion
• Lead free in comply with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. .
(Halogen Free)
MECHANICAL DATA
• Case : SOD-323, Plastic
• Terminals : Solderable per MIL-STD-750, Method 2026
• Appox Weight : 0.0041 grams, 0.00014 ounces
Polarity : Color band cathode
• Marking : X60
CURRENT
ABSOLUTE RATINGS
Note : 1. Mounted on a FR4 PCB, single-sided copper, mini pad.
1
2
Cathode
Anode
P aram e ter
S ym bol
Value
Uni ts
M axi m um P e ak Revers e Vo ltage
V RRM
40
V
Revers e D C Voltage
V R
30
V
A verage Forward C ur re nt
I F(AV)3 0
m A
P eak Forward S urge C ur re nt : 8.3ms si ng le ha lf si ne -
wa ve superi m po sed on ra te d load
I FSM
200
m A
Typi cal Junc ti on C apac i tanc e (V R=1 V, f=1 M Hz)
C J
2.5
p F
Therma l Re si stance , Junc ti on to A mbi ent (Note 1)
RΘJA
650
O C/W
Op erati ng J unc ti on and S to rage Temperature Range
TJ,TSTG
-5 5 to +150
O C
0.078(1.95)
0.068(1.75)
0.054(1.35)
0.045(1.15)
0.107(2.7)
0.090(2.3)
0.012(0.30)MIN.
0.006(0.15)
0.002(0.05)
0.014(0.35)
0.009(0.25)
0.036(0.90)
0.027(0.70)


Similar Part No. - RB751V-40X_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RB751V-40X PANJIT-RB751V-40X Datasheet
90Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results

Similar Description - RB751V-40X_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com