Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEV-14129 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14129
Description  SparkFun Ardumoto - Motor Driver Shield
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14129 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14129 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SparkFun Ardumoto - Motor Driver Shield
DEV-14129 RoHS
Description: The Ardumoto Shield is a dual-motor controller for Arduino. Based on the L298 H-
bridge, the SparkFun Ardumoto can drive two DC motors up to 2A per channel. Combined with an
Arduino, the Ardumoto makes a fantastic controller platform for RC vehicles or even small
autonomous robots. It’s now easier to use, featuring control signal LEDs, while also being much
more flexible for advanced users.
The board takes its power from the same Vin line as the Arduino board and includes blue and yellow
LEDs to indicate active direction. All driver lines are diode protected from back EMF. The L298 is a
two-channel motor driver, which means it can individually drive up to two motors, making it perfect
for a two-wheel-drive vehicle. Each channel on the L298 can deliver up to 2A to the motor to which
it’s connected. Keep in mind, though, that the amount of current available to your motor also
depends on your system’s power source.
Note: The Ardumoto does not include screw terminals or stackable headers; you will need to
purchase both separately. You can find them in the aforementioned links or in the Recommended
Products below.
https://www.sparkfun.com/products/14129 5-15-17


Similar Part No. - DEV-14129

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14109 SPARKFUN-DEV-14109 Datasheet
167Kb / 2P
   MyoWare Cable Shield
7??1??7
DEV-14148 SPARKFUN-DEV-14148 Datasheet
914Kb / 1P
   DAQCplate
DEV-14149 SPARKFUN-DEV-14149 Datasheet
63Kb / 2P
   MOTORplate
DEV-14150 SPARKFUN-DEV-14150 Datasheet
957Kb / 1P
   RELAYplate
DEV-14153 SPARKFUN-DEV-14153 Datasheet
256Kb / 2P
   SparkFun ESP32 Thing Environment Sensor Shield
7??0??7
More results

Similar Description - DEV-14129

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-09815 SPARKFUN-DEV-09815 Datasheet
104Kb / 1P
   SparkFun Ardumoto - Motor Driver Shield
DEV-14285 SPARKFUN-DEV-14285 Datasheet
273Kb / 3P
   SparkFun Wireless Motor Driver Shield
10??3??7
ROB-15451 SPARKFUN-ROB-15451 Datasheet
206Kb / 3P
   SparkFun Qwiic Motor Driver
9??4??9
WRL-12847 SPARKFUN-WRL-12847 Datasheet
94Kb / 1P
   SparkFun XBee Shield
DEV-13158 SPARKFUN-DEV-13158 Datasheet
106Kb / 1P
   SparkFun LiPower Shield
DEV-13116 SPARKFUN-DEV-13116 Datasheet
115Kb / 1P
   SparkFun Spectrum Shield
ROB-14538 SPARKFUN-ROB-14538 Datasheet
202Kb / 2P
   SparkFun Haptic Motor Driver - DRV2605L
5??5??8
DEV-10182 SPARKFUN-DEV-10182 Datasheet
112Kb / 1P
   SparkFun Monster Moto Shield
DEV-13629 SPARKFUN-DEV-13629 Datasheet
106Kb / 2P
   SparkFun Photon IMU Shield
ROB-09457 SPARKFUN-ROB-09457 Datasheet
105Kb / 1P
   SparkFun Motor Driver - Dual TB6612FNG (1A)
10/8/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com