Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-AMMP-6530 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # DEMO-AMMP-6530
Description  5??0 GHz Image Reject Mixer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-AMMP-6530 Datasheet(HTML) 2 Page - Broadcom Corporation.

  DEMO-AMMP-6530 Datasheet HTML 1Page - Broadcom Corporation. DEMO-AMMP-6530 Datasheet HTML 2Page - Broadcom Corporation. DEMO-AMMP-6530 Datasheet HTML 3Page - Broadcom Corporation. DEMO-AMMP-6530 Datasheet HTML 4Page - Broadcom Corporation. DEMO-AMMP-6530 Datasheet HTML 5Page - Broadcom Corporation. DEMO-AMMP-6530 Datasheet HTML 6Page - Broadcom Corporation. DEMO-AMMP-6530 Datasheet HTML 7Page - Broadcom Corporation. DEMO-AMMP-6530 Datasheet HTML 8Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Electrical Specifications
1. Small/Large -signal data measured in a fully de-embedded test fixture form TA = 25°C.
2. Pre-assembly into package performance verified 100% on-wafer per AMMC-6530 published specifications.
3. This final package part performance is verified by a functional test correlated to actual performance at one or more
frequencies.
4. Specifications are derived from measurements in a 50 Ω test environment. Aspects of the amplifier performance may
be improved over a more narrow bandwidth by application of additional conjugate, linearity, or low noise (Гopt)
matching.
5. NF is measure on-wafer. Additional bond wires (-0.2nH) at Input could improve NF at some frequencies.
Table 1. RF Electrical Characteristics [1,2]
TA=25°C, Zo=50 Ω, Vg=1V, IF=1GHz
Parameter
Down Conversion
Up Conversion
Down Conversion
Unit
Notes
LO Port Pumping Power, PLO
>10
>0
>10
dBm
RF to IF conversion Gain, CG
-10
-15
-8
dB
RF Port Return loss, RL_RF
5
5
10
dB
LO Port Return loss, RL_LO
10
10
5
dB
IF Port Return loss, RL_IF
10
10
10
dB
Image Rejection Ratio, IR
15
15
15
dB
LO to RF Port Isolation, LO-RF Iso.
22
25
22
dB
LO to IF Port Isolation, LO-IF Iso.
25
25
25
dB
RF to IF Port Isolation, RF-IF Iso.
15
15
15
dB
Input IP3, Fdelta=100 MHz, IIP3
Prf = -10 dBm, Plo = 10 dBm
18
-
10
dBm
Input Port Power at 1dB gain, P-1
compression point, Plo=+10 dBm
8
-
0
dBm
Noise Figure, NF
10
-
12
dB
Gate Pumped
Drain Pumped
FF Frequency Range, FRF
5-30
5-30
GHz
LO Frequency Range, FLO
5-30
5-30
GHz
IF Frequency Range, FIF
DC-5
DC-5
Table 2. Recommended Operating Range
1. Ambient operational temperature TA = 25°C unless otherwise noted.
2. The external 90 degree hybrid coupler is from M/A-COM: PN 2032-6344-00. Frequency 1.0– 2.0 GHz.
3. 100% on-package test is done at RF frequency = 21 GHz, LO frequency = 23 GHz (IF frequency = 2 GHz)
4. Channel-to-backside Thermal Resistance (Tchannel (Tc) = 34°C) as measured using infrared microscopy. Thermal
Resistance at backside temperature (Tb) = 25°C calculated from measured data.
Parameter
Min.
Typical
Max.
Unit
Notes
Gate Supply Current, Ig
0
mA
Under any RF power drive and temperature
Gate Supply Operating Voltage, Vg
-1V
V
Min Ambient Operating Voltage, Tmins
-55
°C
Max Ambient Operating Voltage, Tmax
+125
°C
Conversion Gain, CG
-12.5
-8
dB
Image Rejection Ratio, IR
20
dB
Absolute Minimum and Maximum Ratings
Table 3. Minimum and Maximum Ratings
Description
Min.
Max.
Unit
Notes
Gate Voltage Supply, Vg
0
-3
V
RF CW Input Power, Pin
25
dBm
Operating Channel Temperature, Tch
+150
dB
Storage Temperature, Tstg
-65
+150
°C
Maximum Assembly Temperature, Tmax
260
°C
20 second maximum
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device.


Similar Part No. - DEMO-AMMP-6530

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-ACMD-7402 BOARDCOM-DEMO-ACMD-7402 Datasheet
246Kb / 10P
   Miniature PCS Band Duplexer
DEMO-ACMD-7403 BOARDCOM-DEMO-ACMD-7403 Datasheet
1Mb / 11P
   Miniature UMTS Band II / PCS Duplexer
DEMO-AFEM-S10X BOARDCOM-DEMO-AFEM-S10X Datasheet
204Kb / 11P
   5 GHz WiFi FEM
DEMO-ALM-11X36 BOARDCOM-DEMO-ALM-11X36 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
DEMO-ALM-12X24 BOARDCOM-DEMO-ALM-12X24 Datasheet
299Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
More results

Similar Description - DEMO-AMMP-6530

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6530 AVAGO-AMMC-6530 Datasheet
785Kb / 8P
   5??0 GHz Image Reject Mixer
AMMP-6530 AVAGO-AMMP-6530 Datasheet
592Kb / 8P
   5??0 GHz Image Reject Mixer
logo
Broadcom Corporation.
AMMP-6530 BOARDCOM-AMMP-6530 Datasheet
592Kb / 8P
   5??0 GHz Image Reject Mixer
AMMC-6530 BOARDCOM-AMMC-6530 Datasheet
785Kb / 8P
   5??0 GHz Image Reject Mixer
logo
Agilent(Hewlett-Packard...
AMMP-6530 HP-AMMP-6530 Datasheet
254Kb / 10P
   5-30 GHz Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
   Image Reject Mixer
logo
Peregrine Semiconductor
PE41901 PSEMI-PE41901 Datasheet
541Kb / 21P
   Image Reject Mixer, 10??9 GHz
logo
M/A-COM Technology Solu...
XM1001-QH MA-COM-XM1001-QH Datasheet
692Kb / 6P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH_15 Datasheet
692Kb / 6P
   Image Reject Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com