Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-ALM-3012 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # DEMO-ALM-3012
Description  GNSS LNA-Filter Front-End Module with optional Differential Outputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-ALM-3012 Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button DEMO-ALM-3012 Datasheet HTML 2Page - Broadcom Corporation. DEMO-ALM-3012 Datasheet HTML 3Page - Broadcom Corporation. DEMO-ALM-3012 Datasheet HTML 4Page - Broadcom Corporation. DEMO-ALM-3012 Datasheet HTML 5Page - Broadcom Corporation. DEMO-ALM-3012 Datasheet HTML 6Page - Broadcom Corporation. DEMO-ALM-3012 Datasheet HTML 7Page - Broadcom Corporation. DEMO-ALM-3012 Datasheet HTML 8Page - Broadcom Corporation. DEMO-ALM-3012 Datasheet HTML 9Page - Broadcom Corporation. DEMO-ALM-3012 Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
Figure 2. Demoboard and application circuit components table for single-ended output (for illustration purposes, refer to application notes for data)
Circuit Symbol
Size
Description
L1
0402
Not applicable
L2
0402
Not applicable
L3
0402
22 nH Inductor (Taiyo Yuden HK100522NJ-T)
L4
0402
2.2 nH Inductor (Taiyo Yuden HK10052N2S-T)
L5
0402
10 nH Inductor (Taiyo Yuden HK100510NJ-T)
C1
0402
0 Ohm Resistor (Kamaya RMC1/16S-JPTH)
C2
0402
Not applicable
C3
0805
0.1
mF Capacitor (Murata GRM21BR71H104KA01L)
C4
0402
33 pF Capacitor (Murata GRM1555C1H330JZ01D)
C5
0402
6.8 pF Capacitor (Murata GJM1555C1H6R8DB01D)
R1
0402
12 Ohm Resistor (Rohm MCR01MZSJ120)
R2
0402
3.3 kOhm Resistor (KOA RK73B1ETTP332J)
R3
0402
0 Ohm Resistor (Kamaya RMC1/16S-JPTH)


Similar Part No. - DEMO-ALM-3012

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-ALM-31X22 BOARDCOM-DEMO-ALM-31X22 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
DEMO-ALM-38140 BOARDCOM-DEMO-ALM-38140 Datasheet
682Kb / 16P
   50MHz ??4GHz PIN Diode Variable Attenuator Module
More results

Similar Description - DEMO-ALM-3012

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-GN002 AVAGO-ALM-GN002 Datasheet
1Mb / 21P
   GNSS LNA-Filter Front-End Module with optional Differential Outputs
ALM-GN001 AVAGO-ALM-GN001 Datasheet
1Mb / 21P
   GNSS Filter-LNA Front-End Module
ALM-3012 AVAGO-ALM-3012 Datasheet
1Mb / 21P
   GNSS LNA-Filter Front-End Module
logo
New Japan Radio
NJG1159PHH-TE1 NJRC-NJG1159PHH-TE1 Datasheet
508Kb / 20P
   GNSS Front-End Module
logo
Broadcom Corporation.
ALM-1712 BOARDCOM-ALM-1712 Datasheet
288Kb / 17P
   GPS Filter-LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1412-TR1G AVAGO-ALM-1412-TR1G Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
logo
Broadcom Corporation.
ALM-2412 BOARDCOM-ALM-2412 Datasheet
265Kb / 13P
   GPS LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1412 AVAGO-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
logo
Broadcom Corporation.
ALM-1612 BOARDCOM-ALM-1612 Datasheet
325Kb / 17P
   GPS LNA-Filter Front-End Module
ALM-1412 BOARDCOM-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com