Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3H2805D Datasheet(PDF) 5 Page - International Rectifier

Part # M3H2805D
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3H2805D Datasheet(HTML) 5 Page - International Rectifier

  M3H2805D Datasheet HTML 1Page - International Rectifier M3H2805D Datasheet HTML 2Page - International Rectifier M3H2805D Datasheet HTML 3Page - International Rectifier M3H2805D Datasheet HTML 4Page - International Rectifier M3H2805D Datasheet HTML 5Page - International Rectifier M3H2805D Datasheet HTML 6Page - International Rectifier M3H2805D Datasheet HTML 7Page - International Rectifier M3H2805D Datasheet HTML 8Page - International Rectifier M3H2805D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
M3H-SERIES
(+28V Input, Single/Dual Output)
5
2016-05-19
Electrical Performance Characteristics (continued)
Parameter
Group A
Subgroup
Conditions
-55°C
TC  +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Limits
Unit
Min
Nom
Max
Recovery time,
step load changes (TTLD)
4,5,6
Half Load to/from Full Load,
Notes 4,9,10
200
s
Output response to
step line changes (VTLN)
4,5,6
18V to/from 40V
IOUT = 100% rated load, Notes 1,4,11
-300
300
mVpk
Recovery time,
step line changes (TTLN)
4,5,6
18V to/from 40V
IOUT = 100% rated load, Notes 1,4,10,11
200
s
Turn-on Response
Overshoot (VOS)
Turn-on Delay (TDLY)
4,5,6
No Load, Full Load for Dual
Notes 4,12
2.0
10
10
%
ms
Overshoot (VOS)
Turn-on Delay (TDLY)
4,5,6
20 % Load, Full Load for Single
Notes 4,12
2.0
10
10
%
ms
Capacitive Load (CL)
M3H2803R3S
M3H2805S
M3H2005R2S
M3H2812S
M3H2815S
M3H2805D
M3H2812D
M3H2815D
1
IOUT = 100% rated load
No effect on DC performance
Notes 1, 4, 7
Each output on duals
2200
1000
1000
180
120
500
90
60
µF
Line Rejection
1
IOUT = 100% rated load
DC to 50kHz, Notes 1, 4
40
50
dB
Isolation
1
Input to Output or Any Pin to Case
except pin 3, test @ 500VDC
100
M
Device Weight
125
g
MTBF
MIL-HDBK-217F2, SF, 35°C
1.5 x 106
Hr
Notes: Electrical Performance Characteristics Table
1. Parameter is tested as part of design characterization or after design changes. Thereafter, parameter shall be guaranteed to the
limits specified.
2. Parameter verified during line and load regulation tests.
3. Output load current must be distributed such that at least 20% of the total load current is being provided by one of the outputs.
4. Load current split equally between outputs on dual output models.
5.
Cross regulation is measured with 20% rated load on output under test while changing the load on the other output from 20% to
80% of rated.
6. Guaranteed for a D.C. to 20 MHz bandwidth. Tested using a 20 kHz to 10 MHz bandwidth using the circuit shown below.
7. Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive load in
excess of the maximum limit may interfere with the proper operation of the converter’s overload protection, causing erratic
behavior during turn-on.
8. Overload power dissipation is defined as the device power dissipation with the load set such that VOUT = 90% of nominal.
9. Load step transition time  10
s.
10. Recovery time is measured from the initiation of the transient to where VOUT has returned to within ±1% of its steady state value
11. Line step transition time 100
s.
12. Turn-on delay time from either a step application of input power or a logic low to a logic high transition on the inhibit pin (pin 4)
to the point where VOUT = 90% of nominal.
13. For operation at temperatures between +85°C and +125°C, de-rate the maximum output power linearly from 100% to 75%.


Similar Part No. - M3H2805D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3H2805D IRF-M3H2805D Datasheet
157Kb / 11P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results

Similar Description - M3H2805D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com