Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5747299-2 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 5747299-2
Description  AMPLIMITE Subminiature D Connectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5747299-2 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  5747299-2 Datasheet HTML 1Page - TE Connectivity Ltd 5747299-2 Datasheet HTML 2Page - TE Connectivity Ltd 5747299-2 Datasheet HTML 3Page - TE Connectivity Ltd 5747299-2 Datasheet HTML 4Page - TE Connectivity Ltd 5747299-2 Datasheet HTML 5Page - TE Connectivity Ltd 5747299-2 Datasheet HTML 6Page - TE Connectivity Ltd 5747299-2 Datasheet HTML 7Page - TE Connectivity Ltd 5747299-2 Datasheet HTML 8Page - TE Connectivity Ltd 5747299-2 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
77
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
HD-20 Straight Posted Connectors (Continued)
Product Facts
I
Flame retardant thermo-
plastic housing material, UL
94V-0 rated
I
HD-20 straight posted
connectors are available
in 9, 15, 25, 37 and 50
positions (Shell Sizes
1 thru 5)
I
HD-20 straight posted con-
nectors in Full Metal-Shell,
Front Metal-Shell and
All-Plastic versions
I
HD-20 connectors with
ACTION PIN contacts are
available in low, medium
and high profiles with
integral standoffs
I
ACTION PIN contact connec-
tors for both .093 [2.36] and
.062 [1.58] min. thick pc
board application
I
Various straight posted
connectors offer a choice
of through-holes, 4-40
threaded inserts or 4-40
fixed female screwlocks
I
Choice of contact platings
I
Integral boardlock feature
secures connector to pc
board prior to soldering
I
Connectors are intermate-
able with any size 20 or 22
subminiature D connectors
dimensionally complying
with MIL-C-24308
I
Recognized under
the Component Program
of Underwriters
Laboratories Inc.,
File No. E28476
I
CSA Certified,
File No. LR 16455
HD-20 Products
Section Contents
Straight Posted Connectors
HD-20 Full Metal-Shell
Straight Posted Connectors .................................78, 79
HD-20 Front Metal-Shell
Straight Posted Connectors .................................80, 81
HD-20 All-Plastic Straight Posted Connectors .........82-85
HD-22 Subminiature D Connectors ...............................86
HD-20 Front Metal-Shell Straight Posted
Connectors with ACTION PIN Contacts...............87, 88
HD-20 All-Plastic Straight Posted Connectors
with ACTION PIN Contacts ........................................89
R
R


Similar Part No. - 5747299-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5747299-2 MACOM-5747299-2 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
More results

Similar Description - 5747299-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5787190-5 MACOM-5787190-5 Datasheet
922Kb / 32P
   AMPLIMITE Subminiature D Connectors
5747843-3 MACOM-5747843-3 Datasheet
978Kb / 37P
   AMPLIMITE Subminiature D Connectors
050 MACOM-050 Datasheet
1Mb / 32P
   AMPLIMITE Subminiature D Connectors
543424-1 MACOM-543424-1 Datasheet
25Kb / 1P
   AMPLIMITE Subminiature D Type Connectors
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com