Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3H2803R3S Datasheet(PDF) 3 Page - International Rectifier

Part # M3H2803R3S
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3H2803R3S Datasheet(HTML) 3 Page - International Rectifier

  M3H2803R3S_16 Datasheet HTML 1Page - International Rectifier M3H2803R3S_16 Datasheet HTML 2Page - International Rectifier M3H2803R3S_16 Datasheet HTML 3Page - International Rectifier M3H2803R3S_16 Datasheet HTML 4Page - International Rectifier M3H2803R3S_16 Datasheet HTML 5Page - International Rectifier M3H2803R3S_16 Datasheet HTML 6Page - International Rectifier M3H2803R3S_16 Datasheet HTML 7Page - International Rectifier M3H2803R3S_16 Datasheet HTML 8Page - International Rectifier M3H2803R3S_16 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
M3H-SERIES
(+28V Input, Single/Dual Output)
3
2016-05-19
Specifications
Absolute Maximum Ratings
 
Input Voltage range
-0.5VDC to +60VDC
Input Voltage range
+18VDC to +60VDC
Output power
Internally limited
Input Voltage range1
+18VDC to +38VDC
Lead Temperature
+300°C for 10 seconds
Output power
0 to Max. Rated
Operating temperature
-55°C to +135°C
Operating temperature2
-55°C to +125°C
Storage temperature
-55°C to +135°C
Operating temperature1
-55°C to +70°C
Recommended Operating Conditions
   
For Notes to Electrical Performance Characteristics, refer to page 5
1  Meets de-rating per MIL-STD-975
2
For operation at +125°C see table Note 13
Electrical Performance Characteristics
Parameter
Group A
Subgroup
Conditions
-55°C
TC  +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Limits
Unit
Min
Nom
Max
Input Voltage
18
28
40
V
Output Voltage (VOUT)
M3H2803R3S
M3H2805S
M3H2805R2S
M3H2812S
M3H2815S
M3H2805D
M3H2812D
M3H2815D
M3H2803R3S
M3H2805S
M3H2805R2S
M3H2812S
M3H2815S
M3H2805D
M3H2812D
M3H2815D
1
1
1
1
1
1
1
1
2,3
2,3
2,3
2,3
2,3
2,3
2,3
2,3
IOUT = 100% rated load
Note 4
IOUT = 100% rated load
Note 4
3.27
4.95
5.17
11.88
14.85
±4.95
±11.88
±14.85
3.23
4.90
5.13
11.76
14.70
±4.90
±11.76
±14.70
3.30
5.00
5.20
12.00
15.00
±5.00
±12.00
±15.00
3.33
5.05
5.23
12.12
15.15
±5.05
±12.12
±15.15
3.37
5.10
5.27
12.24
15.30
±5.10
±12.24
±15.30
V
Output power (POUT)
M3H2803R3S
All Others
1,2,3
VIN = 18, 28, 40 Volts, Note 2
0
0
30
40
W
Output current (IOUT)
M3H2803R3S
M3H2805S
M3H2805R2S
M3H2812S
M3H2815S
M3H2805D
M3H2812D
M3H2815D
1,2,3
VIN = 18, 28, 40 Volts, Note 2
Either Output, Note 3
Either Output, Note 3
Either Output, Note 3
0
0
0
0
0
0
0
0
9.10
8.00
7.70
3.34
2.67
6.40
2.67
2.14
A
Line regulation (VRLINE)
1,2,3
VIN = 18, 28, 40 Volts
IOUT = 0, 50%, 100% rated, Note 4
-0.5
0.5
%
Load regulation (VRLOAD)
1,2,3
IOUT = 0, 50%, 100% rated, Note 4
VIN = 18, 28, 40 Volts
-1.0
1.0
%


Similar Part No. - M3H2803R3S_16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3H2803R3S IRF-M3H2803R3S Datasheet
157Kb / 11P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results

Similar Description - M3H2803R3S_16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com