Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GHP12012D Datasheet(PDF) 2 Page - International Rectifier

Part # GHP12012D
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GHP12012D Datasheet(HTML) 2 Page - International Rectifier

  GHP12012D Datasheet HTML 1Page - International Rectifier GHP12012D Datasheet HTML 2Page - International Rectifier GHP12012D Datasheet HTML 3Page - International Rectifier GHP12012D Datasheet HTML 4Page - International Rectifier GHP12012D Datasheet HTML 5Page - International Rectifier GHP12012D Datasheet HTML 6Page - International Rectifier GHP12012D Datasheet HTML 7Page - International Rectifier GHP12012D Datasheet HTML 8Page - International Rectifier GHP12012D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
GHP-SERIES
(120V Input, Single/Dual Output)
2
2017-05-22
Specifications
Absolute Maximum Ratings
 
Input Voltage
-0.5VDC to +160VDC
Input Voltage
+95VDC to +140VDC
Output power
Internally limited
Output power 
0 to Max. Rated
Lead Temperature
+300°C for 10 seconds
Operating temperature
-55°C to +85°C
Operating temperature
-55°C to +125°C
Operating temperature1
-55°C to +70°C
Storage temperature
-55°C to +125°C
Recommended Operating Conditions
   
For Notes to Electrical Performance Characteristics, refer to page 5
1  Meets de-rating per MIL-STD-975
Electrical Performance Characteristics
Parameter
Group A
Subgroup
Conditions
-55°C
TC  +85°C
VIN = 120V DC ± 5%, CL = 0
unless otherwise specified
Limits
Unit
Min
Nom
Max
Input voltage (VIN)
95
120
140
V
Output voltage (VOUT)
GHP12003R3S
GHP12005S
GHP12006S
GHP12012S
GHP12015S
GHP12005D
GHP12012D
GHP12015D
GHP12003R3S
GHP12005S
GHP12006S
GHP12012S
GHP12015S
GHP12005D
GHP12012D
GHP12015D
1
1
1
1
1
1
1
1
2,3
2,3
2,3
2,3
2,3
2,3
2,3
2,3
IOUT = 100% rated load
Note 4
IOUT = 100% rated load
Note 4
3.28
4.98
5.87
11.95
14.94
±4.95
±11.95
±14.94
3.24
4.93
5.91
11.84
14.80
±4.90
±11.84
±14.80
3.30
5.00
6.00
12.00
15.00
±5.00
±12.00
±15.00
3.32
5.02
6.03
12.05
15.06
±5.05
±12.05
±15.06
3.36
5.07
6.09
12.16
15.20
±5.10
±12.16
±15.20
V
Output power (POUT)
GHP12003R3S
GHP12005S
GHP12006S
GHP12012S
GHP12015S
GHP12005D
GHP12012D
GHP12015D
1,2,3
VIN = 95, 120, 140 Volts, Note 2
0
0
0
0
0
0
0
0
66
100
96
120
120
100
100
100
W
Output current (IOUT)
GHP12003R3S
GHP12005S
GHP12006S
GHP12012S
GHP12015S
GHP12005D
GHP12012D
GHP12015D
1,2,3
VIN = 95, 120, 140 Volts, Note 2
Either Output, Note 3
Either Output, Note 3
Either Output, Note 3
0
0
0
0
0
3.2
1.33
1.07
20
20
16
10
8.0
16
6.67
5.33
A
Line regulation (VRLINE)
1,2,3
VIN = 95, 120, 140 Volts
IOUT = 0, 50%, 100% rated, Note 4
-10
10
mV
Load regulation (VRLOAD)
1,2,3
IOUT = 0, 50%, 100% rated, Note 4
VIN = 95, 120, 140 Volts
-0.5
0.5
%


Similar Part No. - GHP12012D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2803R3S IRF-GHP2803R3S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP2805D IRF-GHP2805D Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP2806S IRF-GHP2806S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP2812D IRF-GHP2812D Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - GHP12012D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com