Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GHP7015S Datasheet(PDF) 3 Page - International Rectifier

Part # GHP7015S
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GHP7015S Datasheet(HTML) 3 Page - International Rectifier

  GHP7015S Datasheet HTML 1Page - International Rectifier GHP7015S Datasheet HTML 2Page - International Rectifier GHP7015S Datasheet HTML 3Page - International Rectifier GHP7015S Datasheet HTML 4Page - International Rectifier GHP7015S Datasheet HTML 5Page - International Rectifier GHP7015S Datasheet HTML 6Page - International Rectifier GHP7015S Datasheet HTML 7Page - International Rectifier GHP7015S Datasheet HTML 8Page - International Rectifier GHP7015S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
GHP-SERIES
(70V Input, Single/Dual Output)
3
2017-05-18
Electrical Performance Characteristics (continued)
Parameter
Group A
Subgroup
Conditions
-55°C
 TC  +85°C
VIN = 70V DC ± 5%, CL = 0
unless otherwise specified
Limits
Unit
Min
Nom
Max
Cross regulation (VRCROSS)
GHP7005D
GHP7012D
GHP7015D
1,2,3
Duals only, Note 5
VIN = 60, 70, 100 Volts
-5.0
-3.0
-3.0
5.0
3.0
3.0
%
Total regulation
(Line, Load, and Temperature)
1,2,3
VIN = 60, 70, 100 Volts
IOUT = 0, 50%, 100% rated,
Dual Model is measured
From +Output to –Output, Note 13
-2.0
2.0
%
Input current (IIN)
GHP7003R3S
GHP7005S
GHP7006S
GHP7012S
GHP7015S
GHP7005D
GHP7012D
GHP7015D
1,2,3
IOUT = 0, Pin 3 open, Note 14
Pin 3 shorted to Pin 2
70
70
70
70
70
70
70
70
2.5
100
100
100
100
100
100
100
100
5.0
mA
Output ripple (VRIP)
GHP7003R3S
GHP7005S
GHP7006S
GHP7012S
GHP7015S
GHP7005D
GHP7012D
GHP7015D
1,2,3
VIN = 60, 70, 100 Volts
IOUT = 100% rated load
Notes 4, 6
10
15
15
25
25
20
20
20
50
50
50
60
60
60
60
60
mVp-p
Input ripple current
1,2,3
IOUT = 100% rated load
5.0
15
mArms
Switching frequency (FS)
1,2,3
Sync. Input (Pin 4) open
450
500
550
kHz
Efficiency (EFF)
GHP7003R3S
GHP7005S
GHP7006S
GHP7012S
GHP7015S
GHP7005D
GHP7012D
GHP7015D
1,2,3
IOUT = 100% rated load
Note 4
68
78
79
81
82
78
81
82
73
82
83
85
86
82
84
86
%
Inhibit Input
Converter Off
Sink current
Converter On
Sink current
1, 2, 3
Logic Low on Pin 3
Note 1
Logic High on Pin 3, Note 3
Note 1
-0.5
2.4
0.7
100
50
100
V
A
V
A
For Notes to Electrical Performance Characteristics, refer to page 5


Similar Part No. - GHP7015S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP12003R3S IRF-GHP12003R3S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12005D IRF-GHP12005D Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12005S IRF-GHP12005S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12006S IRF-GHP12006S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12012D IRF-GHP12012D Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - GHP7015S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com