Electronic Components Datasheet Search |
|
GHP12012S Datasheet(PDF) 11 Page - International Rectifier |
|
GHP12012S Datasheet(HTML) 11 Page - International Rectifier |
11 / 12 page GHP-SERIES (120V Input, Single/Dual Output) 11 2017-05-22 Device Screening Notes: Best commercial practice. CK is a DLA Land and Maritime (formerly DSCC) part marking used to designate a Class K compliant hybrid. The CK marking does not indicate the hybrid is radiation certified. No Suffix is a radiation rated device but not available as a DLA Land and Maritime qualified SMD per MIL-PRF-38534. Any Engineering Model (EM) build with the “EM” Suffix shall only be form, fit and functional equivalent to its Flight Model (FM) counterpart, and it may not meet the radiation performance. The EM Model shall not be expected comply with MIL-PRF-38534 flight quality/workmanship standards, and configuration control. An EM build may use electrical equivalent commercial grade components. IR HiRel will provide a list of non-compliance items upon request. Part Numbering Requirement MIL-STD-883 Method No Suffix CK EM Temperature Range — -55°C to +85°C -55°C to +85°C -55°C to +85°C Element Evaluation MIL-PRF-38534 Class K Class K N/A Non-Destructive Bond Pull 2023 Yes Yes N/A Internal Visual 2017 Yes Yes Temperature Cycle 1010 Cond C Cond C Cond C Constant Acceleration 2001, Y1 Axis 3000 Gs 3000 Gs 3000 Gs PIND 2020 Cond A Cond A N/A Burn-In 1015 320 hrs @ 125°C (2 x 160 hrs) 320 hrs @ 125°C (2 x 160 hrs) 48 hrs @ 125°C Final Electrical (Group A) MIL-PRF-38534 & Specification -55°C, +25°C, +85°C -55°C, +25°C, +85°C -55°C, +25°C, +85°C PDA MIL-PRF-38534 2% 2% N/A Seal, Fine and Gross 1014 Cond A, C Cond A, C Cond A Radiographic 2012 Yes Yes N/A External Visual 2009 Yes Yes IR HiRel Headquarters: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA Tel: (310) 252-7105 IR HiRel Leominster: 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776 IR HiRel San Jose: 2520 Junction Avenue, San Jose, California 95134, USA Tel: (408) 434-5000 Data and specifications subject to change without notice. |
Similar Part No. - GHP12012S |
|
Similar Description - GHP12012S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |