Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28060D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28060D
Description  Natural Interleaving DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28060D Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC28060D Datasheet HTML 4Page - Texas Instruments UCC28060D Datasheet HTML 5Page - Texas Instruments UCC28060D Datasheet HTML 6Page - Texas Instruments UCC28060D Datasheet HTML 7Page - Texas Instruments UCC28060D Datasheet HTML 8Page - Texas Instruments UCC28060D Datasheet HTML 9Page - Texas Instruments UCC28060D Datasheet HTML 10Page - Texas Instruments UCC28060D Datasheet HTML 11Page - Texas Instruments UCC28060D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
UCC28060
SLUS767E – MAY 2007 – REVISED NOVEMBER 2008 .................................................................................................................................................... www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
DESCRIPTION
NAME
NO.
I/O
Phase B enable: This pin turns on/off channel B of the boost converter. The commanded on-time for
channel A is immediately doubled when channel B is disabled, which helps to keep COMP voltage
constant during the phase management transient. The PHB thresholds change with line range for the
PHB
4
I
best efficiency when PHB is connected to COMP. PHB can also be driven by external logic signals to
allow customized phase management. To disable phase management, connect the PHB pin to the
VREF pin.
PWM enable logic output: This open-drain output goes low when HVSEN is within the HVSEN good
PWMCNTL
9
O
region and the ZCDA and ZCDB inputs are switching correctly if operating in two-phase mode (see PHB
Pin). Otherwise, PWMCNTL is high impedance.
Timing set: PWM on-time programming input. Connect a resistor from TSET to AGND to set the
TSET
3
I
on-time versus COMP voltage and the minimum period at the gate drive outputs.
Bias supply input: Connect this pin to a controlled bias supply of between 14 V and 21 V. Also connect
VCC
12
a 0.1-
µF ceramic bypass capacitor from this pin to PGND. This supply powers all circuits in the device
and must be capable of delivering 6 mA dc plus the transient power MOSFET gate charging current.
Input ac voltage sense: For normal operation, connect this pin to a voltage divider across the rectified
input power mains. This input senses input voltage range to set the ramp rate and senses brownout.
Input voltage range changes when the peak voltage on VINAC becomes and stays below the range
change threshold for the range change filter time or the peak voltage on VINAC becomes above the
VINAC
7
I
range change threshold. When the voltage on VINAC remains below the brownout threshold for more
than the brownout filter time, the device enters a brownout mode and both output drives are disabled.
Select the input voltage divider ratio for the desired brownout threshold and power line range. Select the
divider impedance for the desired brownout hysteresis.
Voltage reference output: Connect a 0.1-
µF ceramic bypass capacitor from this pin to AGND.
VREF
15
O
This 6 VDC reference can be used to bias other circuits requiring less than 2 mA of total supply current.
Output dc voltage sense: Connect this pin to a voltage divider across the output of the power
converter. The error amplifier reference voltage is 6 V. Select the output voltage divider ratio for the
desired output voltage. Connect the ground side of this divider to ground through a separate short trace
VSENSE
2
I
for best output regulation accuracy and noise immunity. VSENSE can be pulled low by an open-drain
logic output or 6-V logic output in series with a low-leakage diode to disable the outputs and reduce
VCC current. If VSENSE is disconnected, open-loop protection provides an internal current source to
pull VSENSE low, turning off the gate drivers.
Zero current detection inputs: These inputs expect to see a negative edge when the inductor current
in the respective phases go to zero. The inputs are clamped at 0 V and 3 V. Signals should be coupled
ZCDA
16
I
through a series resistor that limits the clamping current to less than ±3 mA. Connect these pins through
a current limiting resistor to the zero crossing detection windings of the appropriate boost
inductor. The inductor winding must be connected so that this voltage drops when inductor current
decays to zero. When the inductor current drops to zero, the ZCD input must drop below the falling
ZCDB
1
I
threshold, approximately 1 V, to cause the gate drive output to rise. When the power MOSFET turns off,
the ZCD input must rise above the rising threshold, approximately 1.7 V, to arm the logic for another
falling ZCD edge.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28060


Similar Part No. - UCC28060D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28060D TI-UCC28060D Datasheet
873Kb / 31P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060D TI1-UCC28060D Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060DG4 TI1-UCC28060DG4 Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060DR TI1-UCC28060DR Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060DRG4 TI1-UCC28060DRG4 Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
More results

Similar Description - UCC28060D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28060 TI-UCC28060_15 Datasheet
1Mb / 37P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060 TI1-UCC28060_13 Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060 TI-UCC28060 Datasheet
873Kb / 31P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28061DR TI1-UCC28061DR Datasheet
864Kb / 35P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise
UCC28063 TI-UCC28063_15 Datasheet
1Mb / 44P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28063 TI-UCC28063 Datasheet
1Mb / 46P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller with Improved Audible Noise Immunity
UCC28061 TI-UCC28061 Datasheet
709Kb / 31P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061 TI-UCC28061_1 Datasheet
987Kb / 34P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061 TI-UCC28061_15 Datasheet
771Kb / 36P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28064A TI1-UCC28064A Datasheet
4Mb / 57P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller with High Light-Load Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com