Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA02208YZPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # HPA02208YZPR
Description  0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA02208YZPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button HPA02208YZPR Datasheet HTML 7Page - Texas Instruments HPA02208YZPR Datasheet HTML 8Page - Texas Instruments HPA02208YZPR Datasheet HTML 9Page - Texas Instruments HPA02208YZPR Datasheet HTML 10Page - Texas Instruments HPA02208YZPR Datasheet HTML 11Page - Texas Instruments HPA02208YZPR Datasheet HTML 12Page - Texas Instruments HPA02208YZPR Datasheet HTML 13Page - Texas Instruments HPA02208YZPR Datasheet HTML 14Page - Texas Instruments HPA02208YZPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
IN
++
VCC
On-state leakage current
Channel On
VIN = VIH or VIL
IN
IN
+
++
Off-State leakage current
Channel Off
VIN = VIH or VIL
VCC
IN
IN
++
V
CC
R
-
IN
TS5A22362
www.ti.com
SCDS364B – JUNE 2015 – REVISED SEPTEMBER 2015
7 Parameter Measurement Information
Figure 13. ON-state resistance (Ron)
Figure 14. OFF-state leakage current (ICOM(OFF), INO(OFF))
Figure 15. ON-state leakage current
(ICOM(ON), INO(ON))
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TS5A22362


Similar Part No. - HPA02208YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA02218RTERQ1 TI1-HPA02218RTERQ1 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
HPA02222DR TI1-HPA02222DR Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
HPA02227DR TI1-HPA02227DR Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
HPA02230AIDBVR TI1-HPA02230AIDBVR Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
HPA02232ARGER TI1-HPA02232ARGER Datasheet
6Mb / 36P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver and Equalizer
More results

Similar Description - HPA02208YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com