Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3221ECDBRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRS3221ECDBRG4
Description  3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRS3221ECDBRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TRS3221ECDBRG4 Datasheet HTML 1Page - Texas Instruments TRS3221ECDBRG4 Datasheet HTML 2Page - Texas Instruments TRS3221ECDBRG4 Datasheet HTML 3Page - Texas Instruments TRS3221ECDBRG4 Datasheet HTML 4Page - Texas Instruments TRS3221ECDBRG4 Datasheet HTML 5Page - Texas Instruments TRS3221ECDBRG4 Datasheet HTML 6Page - Texas Instruments TRS3221ECDBRG4 Datasheet HTML 7Page - Texas Instruments TRS3221ECDBRG4 Datasheet HTML 8Page - Texas Instruments TRS3221ECDBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
APPLICATIONS
DB OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EN
C1+
V+
C1−
C2+
C2−
V−
RIN
FORCEOFF
VCC
GND
DOUT
FORCEON
DIN
INVALID
ROUT
DESCRIPTION/ORDERING INFORMATION
TRS3221E
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV IEC ESD PROTECTION
SLLS792 – JUNE 2007
• Battery-Powered, Hand-Held, and Portable
• ESD Protection for RS-232 Pins
Equipment
±15-kV Human-Body Model (HBM)
• PDAs and Palmtop PCs
±8 kV (IEC 61000-4-2, Contact Discharge)
• Notebooks, Subnotebooks, and Laptops
±15 kV (IEC 61000-4-2, Air-Gap Discharge)
• Digital Cameras
• Meets or Exceeds the Requirements of
• Mobile Phones and Wireless Devices
TIA/EIA-232-F and ITU v.28 Standards
• Operates With 3-V to 5.5-V V
CC Supply
• Operates up to 250 kbit/s
• One Driver and One Receiver
• Low Standby Current . . . 1 μA Typical
• External Capacitors . . . 4 × 0.1 μF
• Accepts 5-V Logic Input With 3.3-V Supply
• Alternative High-Speed Pin-Compatible Device
(1 Mbit/s)
TRSF3221E
• Auto-Powerdown Feature Automatically
Disables Drivers for Power Savings
The TRS3221E is a single driver, single receiver RS-232 solution operating from a single VCC supply. The
RS-232 pins provide IEC G1000-4-2 ESD protection. The device meets the requirements of TIA/EIA-232-F and
provides the electrical interface between an asynchronous communication controller and the serial-port
connector. The charge pump and four small external capacitors allow operation from a single 3-V to 5.5-V
supply. These devices operate at data signaling rates up to 250 kbit/s and a maximum of 30-V/
μs driver output
slew rate.
Flexible control options for power management are available when the serial port is inactive. The
auto-powerdown feature functions when FORCEON is low and FORCEOFF is high. During this mode of
operation, if the device does not sense a valid RS-232 signal on the receiver input, the driver output is disabled.
If FORCEOFF is set low and EN is high, both the driver and receiver are shut off, and the supply current is
reduced to 1
μA. Disconnecting the serial port or turning off the peripheral drivers causes the auto-powerdown
condition to occur. Auto-powerdown can be disabled when FORCEON and FORCEOFF are high.
With auto-powerdown enabled, the device is activated automatically when a valid signal is applied to the
receiver input. The INVALID output notifies the user if an RS-232 signal is present at the receiver input. INVALID
is high (valid data) if the receiver input voltage is greater than 2.7 V or less than –2.7 V, or has been between
–0.3 V and 0.3 V for less than 30
μs. INVALID is low (invalid data) if the receiver input voltage is between –0.3 V
and 0.3 V for more than 30
μs. Refer to Figure 5 for receiver input levels.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TRS3221ECDBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3221ECDBRG4 TI-TRS3221ECDBRG4 Datasheet
344Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221ECDBRG4 TI-TRS3221ECDBRG4 Datasheet
376Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Similar Description - TRS3221ECDBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3221E TI-MAX3221E_07 Datasheet
357Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
MAX3221E TI-MAX3221E_06 Datasheet
166Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
TRS3227E TI-TRS3227E Datasheet
350Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E_V01 Datasheet
883Kb / 19P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E_1 Datasheet
376Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E Datasheet
344Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3227E TI-MAX3227E Datasheet
164Kb / 13P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232 TI-MAX3232 Datasheet
331Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
MAX3232 TI-MAX3232_09 Datasheet
615Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/ RECEIVER WITH -15-kV ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com