Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A22362 Datasheet(PDF) 4 Page - Texas Instruments

Part # TS5A22362
Description  0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22362 Datasheet(HTML) 4 Page - Texas Instruments

  TS5A22362_17 Datasheet HTML 1Page - Texas Instruments TS5A22362_17 Datasheet HTML 2Page - Texas Instruments TS5A22362_17 Datasheet HTML 3Page - Texas Instruments TS5A22362_17 Datasheet HTML 4Page - Texas Instruments TS5A22362_17 Datasheet HTML 5Page - Texas Instruments TS5A22362_17 Datasheet HTML 6Page - Texas Instruments TS5A22362_17 Datasheet HTML 7Page - Texas Instruments TS5A22362_17 Datasheet HTML 8Page - Texas Instruments TS5A22362_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TS5A22362
SCDS364B – JUNE 2015 – REVISED SEPTEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
(2)
Supply voltage (3)
–0.5
6
V
VNC
VNO
Analog voltage (3) (4) (5)
VCC – 6
VCC + 0.5
V
VCOM
VNC, VNO, VCOM < 0
II/OK
Analog port diode current
or
–50
50
mA
VNC, VNO, VCOM > VCC
INC
ON-state switch current
–150
150
INO
VNC, VNO, VCOM = 0 to VCC
mA
ON-state peak switch current (6)
–300
300
ICOM
INC
(3) (7) (8)
ON-state switch current
–350
350
INO
(3) (7) (8)
VNC, VNO, VCOM = 0 to VCC
mA
ON-state peak switch current (6)
–500
500
ICOM
(3) (7) (8)
VI
Digital input voltage
–0.5
6.5
V
IIK
Digital input clamp current (3) (4)
VI < 0
–50
50
mA
ICC
Continuous current through VCCor GND
–100
100
mA
IGND
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions . Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5)
This value is limited to 5.5 V maximum.
(6)
Pulse at 1-ms duration < 10% duty cycle.
(7)
VCC = 3.0 V to 5.0 V, TA = –40°C to 85°C.
(8)
For YZP package only.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101
±1500
(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
2.3
5.5
V
VNC
VNO
Signal path voltage
VCC – 5.5
VCC
V
VCOM
VIN
Digital control
GND
VCC
V
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TS5A22362


Similar Part No. - TS5A22362_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
More results

Similar Description - TS5A22362_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com