Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3221EIPW Datasheet(PDF) 9 Page - Texas Instruments

Part # TRS3221EIPW
Description  3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRS3221EIPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TRS3221EIPW Datasheet HTML 5Page - Texas Instruments TRS3221EIPW Datasheet HTML 6Page - Texas Instruments TRS3221EIPW Datasheet HTML 7Page - Texas Instruments TRS3221EIPW Datasheet HTML 8Page - Texas Instruments TRS3221EIPW Datasheet HTML 9Page - Texas Instruments TRS3221EIPW Datasheet HTML 10Page - Texas Instruments TRS3221EIPW Datasheet HTML 11Page - Texas Instruments TRS3221EIPW Datasheet HTML 12Page - Texas Instruments TRS3221EIPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
50
Generator
(see Note B)
FORCEOFF
ROUT
FORCEON
Auto-
powerdown
INVALID
DOUT
DIN
CL = 30 pF
(see Note A)
2.7 V
−2.7 V
0.3 V
−0.3 V
0 V
Valid RS-232 Level, INVALID High
Indeterminate
Indeterminate
If Signal Remains Within This Region
For More Than 30
µs, INVALID Is Low
Valid RS-232 Level, INVALID High
Auto-powerdown disables drivers and reduces supply
current to 1
µA.
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: PRR = 5 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
VOLTAGE WAVEFORMS
3 V
2.7 V
−2.7 V
INVALID
Output
Receiver
Input
tvalid
0 V
0 V
−3 V
VCC
0 V
≈V+
0 V
≈V−
V+
VCC
ten
V−
50% VCC
50% VCC
2.7 V
−2.7 V
0.3 V
0.3 V
tinvalid
Supply
Voltages
EN = GND
TRS3221E
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV IEC ESD PROTECTION
SLLS792 – JUNE 2007
Figure 5. INVALID Propagation Delay Times and Driver Enabling Time
9
Submit Documentation Feedback


Similar Part No. - TRS3221EIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3221EIPW TI-TRS3221EIPW Datasheet
344Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221EIPW TI-TRS3221EIPW Datasheet
376Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221EIPW TI-TRS3221EIPW Datasheet
883Kb / 19P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221EIPWG4 TI-TRS3221EIPWG4 Datasheet
344Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221EIPWG4 TI-TRS3221EIPWG4 Datasheet
376Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Similar Description - TRS3221EIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3221E TI-MAX3221E_07 Datasheet
357Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
MAX3221E TI-MAX3221E_06 Datasheet
166Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
TRS3227E TI-TRS3227E Datasheet
350Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E_V01 Datasheet
883Kb / 19P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E_1 Datasheet
376Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E Datasheet
344Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3227E TI-MAX3227E Datasheet
164Kb / 13P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232 TI-MAX3232 Datasheet
331Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
MAX3232 TI-MAX3232_09 Datasheet
615Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/ RECEIVER WITH -15-kV ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com