Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71247DRCRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS71247DRCRG4
Description  Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71247DRCRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS71247DRCRG4 Datasheet HTML 1Page - Texas Instruments TPS71247DRCRG4 Datasheet HTML 2Page - Texas Instruments TPS71247DRCRG4 Datasheet HTML 3Page - Texas Instruments TPS71247DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS71247DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS71247DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS71247DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS71247DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS71247DRCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
IN (V)
+25
_C
+125
_C
−40_C
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
50
100
150
200
250
I
OUT (mA)
+25
_C
−40_C
+125
_C
1.0
0.5
0
−0.5
−1.0
−1.5
Junction Temperature (
_C)
−40 −25 −10 5
20
35
50
65
80
95
110 125
I
OUT = 10 mA
I
OUT = 250 mA
I
OUT = 125 mA
200
180
160
140
120
100
80
60
40
20
0
2.7
3.1
3.3
3.5
3.9
4.1
4.3
4.5 4.7
4.9
V
IN (V)
T
J = −40_ C
T
J = +25_ C
T
J = +125_ C
3.7
2.9
200
150
100
50
0
0
50
100
150
200
250
I
OUT (mA)
T
J = +25_ C
T
J = −40_ C
T
J = +125_ C
250
200
150
100
50
0
−40 −25 −10 5
20
35
50
65
80
95
110 125
I
OUT = 250 mA
Junction Temperature (
°C)
TPS71202, TPS71219
TPS71229, TPS71247
TPS71256, TPS71257
www.ti.com
SBVS049D – MAY 2004 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS
For all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 1 V, IOUT = 1 mA,VEN = 1.2 V, COUT = 2.2 mF, and CNR = 0.01 mF,
unless otherwise noted.
OUTPUT VOLTAGE vs INPUT VOLTAGE
OUTPUT VOLTAGE vs OUTPUT CURRENT
Figure 1.
Figure 2.
DROPOUT VOLTAGE vs INPUT VOLTAGE
OUTPUT VOLTAGE vs TEMPERATURE
(ADJUSTABLE VERSION)
Figure 3.
Figure 4.
TPS71256
TPS71256
DROPOUT VOLTAGE vs OUTPUT CURRENT
DROPOUT VOLTAGE vs JUNCTION TEMPERATURE
Figure 5.
Figure 6.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS71202 TPS71219 TPS71229 TPS71247 TPS71256 TPS71257


Similar Part No. - TPS71247DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71247DRCRG4 TI-TPS71247DRCRG4 Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
More results

Similar Description - TPS71247DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71319 TI-TPS71319_07 Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com