Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS561208DDCR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS561208DDCR
Description  4.5-V to 17-V Input, 1-A Synchronous Step-Down Voltage Regulator in 6-Pin SOT-23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS561208DDCR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS561208DDCR Datasheet HTML 4Page - Texas Instruments TPS561208DDCR Datasheet HTML 5Page - Texas Instruments TPS561208DDCR Datasheet HTML 6Page - Texas Instruments TPS561208DDCR Datasheet HTML 7Page - Texas Instruments TPS561208DDCR Datasheet HTML 8Page - Texas Instruments TPS561208DDCR Datasheet HTML 9Page - Texas Instruments TPS561208DDCR Datasheet HTML 10Page - Texas Instruments TPS561208DDCR Datasheet HTML 11Page - Texas Instruments TPS561208DDCR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Output Current (A)
0.001
0.01
0.1
1
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
D016
Vin = 5 V
Vin = 9 V
Vin = 12 V
Vin = 15 V
Output Current (A)
0.001
0.01
0.1
1
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
D017
Vin = 9 V
Vin = 12 V
Vin = 15 V
Output Current (A)
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1
D014
Vin = 5 V
Vin = 9 V
Vin = 12 V
Vin = 15 V
Output Current (A)
0.001
0.01
0.1
1
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
D015
Vin = 5 V
Vin = 9 V
Vin = 12 V
Vin = 15 V
8
TPS561201, TPS561208
SLVSC95 – APRIL 2017
www.ti.com
Product Folder Links: TPS561201 TPS561208
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 12 V (unless otherwise noted)
Figure 13. TPS561208 VOUT = 1.05 V Efficiency, L = 2.2 µH
Figure 14. TPS561208 VOUT = 1.5 V Efficiency, L = 2.2 µH
Figure 15. TPS561208 VOUT = 3.3 V Efficiency, L = 3.3 µH
Figure 16. TPS561208 VOUT = 5 V Efficiency, L = 4.7 µH


Similar Part No. - TPS561208DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56121 TI1-TPS56121 Datasheet
477Kb / 22P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS56121DQPR TI1-TPS56121DQPR Datasheet
477Kb / 22P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121DQPR TI1-TPS56121DQPR Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
More results

Similar Description - TPS561208DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com