Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS561201DDCT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS561201DDCT
Description  4.5-V to 17-V Input, 1-A Synchronous Step-Down Voltage Regulator in 6-Pin SOT-23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS561201DDCT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS561201DDCT Datasheet HTML 7Page - Texas Instruments TPS561201DDCT Datasheet HTML 8Page - Texas Instruments TPS561201DDCT Datasheet HTML 9Page - Texas Instruments TPS561201DDCT Datasheet HTML 10Page - Texas Instruments TPS561201DDCT Datasheet HTML 11Page - Texas Instruments TPS561201DDCT Datasheet HTML 12Page - Texas Instruments TPS561201DDCT Datasheet HTML 13Page - Texas Instruments TPS561201DDCT Datasheet HTML 14Page - Texas Instruments TPS561201DDCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
TPS561201, TPS561208
www.ti.com
SLVSC95 – APRIL 2017
Product Folder Links: TPS561201 TPS561208
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Normal Operation
When the input voltage is above the UVLO threshold and the EN voltage is above the enable threshold, the
TPS561208 can operate in their normal switching modes. Normal continuous conduction mode (CCM) occurs
when the minimum switch current is above 0 A. In CCM, the TPS561208 operates at a quasi-fixed frequency of
580 kHz.
7.4.2 Eco-mode Operation
When the TPS561201 and TPS561208 are in the normal CCM operating mode and the switch current falls to 0
A, the TPS561201 begins operating in pulse skipping Eco-mode. Each switching cycle is followed by a period of
energy saving sleep time. The sleep time ends when the VFB voltage falls below the Eco-mode threshold
voltage. As the output current decreases, the perceived time between switching pulses increases.
7.4.3 Standby Operation
When the TPS561201 and TPS561208 are operating in either normal CCM or Eco-mode, they may be placed in
standby by asserting the EN pin low.


Similar Part No. - TPS561201DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56121 TI1-TPS56121 Datasheet
477Kb / 22P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS56121DQPR TI1-TPS56121DQPR Datasheet
477Kb / 22P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121DQPR TI1-TPS56121DQPR Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
More results

Similar Description - TPS561201DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com