Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6201P311TR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6201P311TR
Description  Positive Voltage Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P311TR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6201P311TR Datasheet HTML 3Page - Torex Semiconductor XC6201P311TR Datasheet HTML 4Page - Torex Semiconductor XC6201P311TR Datasheet HTML 5Page - Torex Semiconductor XC6201P311TR Datasheet HTML 6Page - Torex Semiconductor XC6201P311TR Datasheet HTML 7Page - Torex Semiconductor XC6201P311TR Datasheet HTML 8Page - Torex Semiconductor XC6201P311TR Datasheet HTML 9Page - Torex Semiconductor XC6201P311TR Datasheet HTML 10Page - Torex Semiconductor XC6201P311TR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
XC6201
Series
191
3
■Absolute Maximum Ratings
PARAMETER
Input Voltage
SYMBOL
RATINGS
UNITS
250
Output Current
Output Voltage
SOT-25
SOT-89
Operating Temp.
Storage Temp.
VIN
IOUT
VOUT
Pd
Topr
Tstg
12
500
VSS−0.3∼VIN+0.3
500
−40∼+85
−55∼+125
mA
TO-92
Power
Dissipation
300
mW
Ta=25
°C
■Electrical Characteristics
XC6201P132
PARAMETER
SYMBOL
CONDITIONS
UNITS CIRCUIT
MIN
TYP
MAX
Output Voltage
VOUT(E) (Note2)
VIN=2.3V
1.274
1.300
1.326
V
2
IOUT=10mA
Maximum Output Current
IOUTmax
VIN=2.3V
60
1.8
mA
2
VOUT(E)
≥1.17V
Load Regulation
ΔVOUT
VIN=2.3V
10
30
mV
2
1mA
≤IOUT≤30mA
Dropout Voltage (Note 3)
Vdif1
Vdif2
IOUT=30mA
200
600
mV
2
IOUT=60mA
500
810
Supply Current
ISS
VIN=2.3V
3.0
5.0
µA1
Line Regulation
ΔVOUT
IOUT=10mA
0.2
0.3
%/V
2
ΔVIN・VOUT
2.3V
≤VIN≤10.0V
Input Voltage
VIN
10
V
Output Voltage
ΔVOUT
IOUT=40mA
±100
ppm
2
Temperature Characteristics
ΔTopr・VOUT
-40
°C≤Topr≤85°C
/
°C
Ta=25
°C
(注1) VOUT(T):設定出力電圧値
(注2) VOUT(E):実際の出力電圧値
IOUTを固定し、十分安定した(VOUT(T)+1.0V)を入力したときの出力電圧
(注3) Vdif={VIN1{注5}−VOUT1{注4}}と定義する。
(注4) VOUT1:IOUT毎に十分安定した(VOUT(T)+1.0V)を入力したときの出力電圧の98%の電圧
(注5) VIN1:入力電圧を徐々に下げてVOUT1が出力されたときの入力電圧
VOUT(T)=1.3V (Note 1)
03S_01XC6201 02.9.12 2:35 PM ページ 191


Similar Part No. - XC6201P311TR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6201P301DR TOREX-XC6201P301DR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P301DR-G TOREX-XC6201P301DR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P301MR TOREX-XC6201P301MR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P301MR TOREX-XC6201P301MR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P301MR-G TOREX-XC6201P301MR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
More results

Similar Description - XC6201P311TR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com