Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT94S40AL-25DGI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT94S40AL-25DGI
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94S40AL-25DGI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT94S40AL-25DGI Datasheet HTML 1Page - ATMEL Corporation AT94S40AL-25DGI Datasheet HTML 2Page - ATMEL Corporation AT94S40AL-25DGI Datasheet HTML 3Page - ATMEL Corporation AT94S40AL-25DGI Datasheet HTML 4Page - ATMEL Corporation AT94S40AL-25DGI Datasheet HTML 5Page - ATMEL Corporation AT94S40AL-25DGI Datasheet HTML 6Page - ATMEL Corporation AT94S40AL-25DGI Datasheet HTML 7Page - ATMEL Corporation AT94S40AL-25DGI Datasheet HTML 8Page - ATMEL Corporation AT94S40AL-25DGI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
AT94S Secure Family
2314D–FPSLI–2/04
Figure 1. AT94S Architecture
The embedded AVR core achieves throughputs approaching 1 MIPS per MHz by exe-
cuting powerful instructions in a single-clock-cycle, and allows system designers to
optimize power consumption versus processing speed. The AVR core is based on an
enhanced RISC architecture that combines a rich instruction set with 32 general-pur-
pose working registers. All 32 registers are directly connected to the Arithmetic Logic
Unit (ALU), allowing two independent registers to be accessed in one single instruction
executed in one clock cycle. The resulting architecture is more code-efficient while
achieving throughputs up to ten times faster than conventional CISC microcontrollers at
the same clock frequency. The AVR executes out of on-chip SRAM. Both the FPGA
configuration SRAM and AVR instruction code SRAM are automatically loaded at sys-
tem power-up using Atmel’s in-system programmable AT17 Series EEPROM
configuration memories, which are part of the AT94S Multi-chip Module (MCM).
State-of-the-art FPSLIC design tools, System Designer, were developed in conjunc-
tion with the FPSLIC architecture to help reduce overall time-to-market by integrating
microcontroller development and debugging, FPGA development, place and route, and
complete system co-verification in one easy-to-use software tool.
5 - 40K Gates FPGA
Up to
16K x 8
Data
SRAM
Up to 16K x 16
Program
SRAM Memory
PROGRAMMABLE I/O
with
Multiply
Two 8-bit
Timer/Counters
16 Prog. I/O
Lines
I/O
I/O
I/O
2-wire Serial
Unit
Up to 16
Decoded
Address Lines
4 Interrupt Lines
Configuration Logic
Configuration
EEPROM
I/O
For ISP
and Chip
Erase
Two Serial
UARTs


Similar Part No. - AT94S40AL-25DGI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94S40AL-25DGI ATMEL-AT94S40AL-25DGI Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S40AL-25DGI ATMEL-AT94S40AL-25DGI Datasheet
688Kb / 32P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
More results

Similar Description - AT94S40AL-25DGI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94S ATMEL-AT94S_05 Datasheet
688Kb / 32P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT945 ATMEL-AT945 Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K ATMEL-AT94K Datasheet
1Mb / 192P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
STMicroelectronics
ST31H320 STMICROELECTRONICS-ST31H320 Datasheet
212Kb / 4P
   Secure microcontroller with enhanced security and up to 320 Kbytes of Flash memory
Rev 1
logo
National Semiconductor ...
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Integrated Silicon Solu...
89C52 ISSI-89C52 Datasheet
425Kb / 50P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
logo
STMicroelectronics
ST31P320 STMICROELECTRONICS-ST31P320 Datasheet
380Kb / 4P
   Secure dual interface microcontroller with enhanced security and up to 450 Kbytes of Flash memory
Rev 4 - January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com