Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71202DRCRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71202DRCRG4
Description  Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71202DRCRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS71202DRCRG4 Datasheet HTML 3Page - Texas Instruments TPS71202DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS71202DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS71202DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS71202DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS71202DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS71202DRCRG4 Datasheet HTML 9Page - Texas Instruments TPS71202DRCRG4 Datasheet HTML 10Page - Texas Instruments TPS71202DRCRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
V
OUT2
V
OUT1
I
OUT1
2 mV/div
100 mV/div
200 mA/div
20
µs/div
250 mA
10 mA
C
OUT2 = 10 µF
C
OUT1 = 10 µF
60
50
40
30
20
10
0
0.1
1
10
100
1k
Frequency (Hz)
C
OUT1 = COUT2 = 10 µF
I
OUT1 = 0 mA to 500 mA Sinusoidal Load
I
OUT2 = 25 mA
50 ms/div
V
IN
V
OUT1
V
OUT2
I
OUT1 = IOUT2 = 250 mA
20 mV/div
1 V/div
V
OUT2
V
OUT1
V
EN1
50
µs/div
C
NR = 0.001 µ F
C
NR = 0.01 µ F
I
OUT1 = IOUT2 = 250 mA
C
OUT1 = COUT 2 = 10 µF
250
200
150
100
50
0
1
10
100
1k
10k
100k
C
NR (pF)
C
OUT = 2.2 µF
I
OUT = 250 mA
C
OUT = 10 µF
I
OUT = 250 mA
C
OUT = 2.2 µF
I
OUT = 0 mA
C
OUT = 10 µF
I
OUT = 0 mA
V
OUT = 2.8 V
350
300
250
200
150
100
50
0
100
1k
10k
100k
Frequency (Hz)
I
OUT = 250 mA
C
NR = 0.1 µF
V
OUT = 2.8 V
I
OUT = 1 mA
TPS71202, TPS71219
TPS71229, TPS71247
TPS71256, TPS71257
www.ti.com
SBVS049D – MAY 2004 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS (continued)
For all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 1 V, IOUT = 1 mA,VEN = 1.2 V, COUT = 2.2 mF, and CNR = 0.01 mF,
unless otherwise noted.
TPS71256
LOAD TRANSIENT RESPONSE
TPS71256
AND VOUT2 CROSSTALK
CHANNEL-TO-CHANNEL ISOLATION vs FREQUENCY
Figure 13.
Figure 14.
TPS71256
TURN-ON/OFF RESPONSE
TPS71229
AND VOUT2 CROSSTALK
POWER-UP/POWER-DOWN
Figure 15.
Figure 16.
NOISE SPECTRAL DENSITY
TOTAL NOISE vs CNR
COUT = 2.2 mF
Figure 17.
Figure 18.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS71202 TPS71219 TPS71229 TPS71247 TPS71256 TPS71257


Similar Part No. - TPS71202DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202DRCRG4 TI-TPS71202DRCRG4 Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
More results

Similar Description - TPS71202DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71319 TI-TPS71319_07 Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com