Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3221E Datasheet(PDF) 2 Page - Texas Instruments

Part # TRS3221E
Description  3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRS3221E Datasheet(HTML) 2 Page - Texas Instruments

  TRS3221E_17 Datasheet HTML 1Page - Texas Instruments TRS3221E_17 Datasheet HTML 2Page - Texas Instruments TRS3221E_17 Datasheet HTML 3Page - Texas Instruments TRS3221E_17 Datasheet HTML 4Page - Texas Instruments TRS3221E_17 Datasheet HTML 5Page - Texas Instruments TRS3221E_17 Datasheet HTML 6Page - Texas Instruments TRS3221E_17 Datasheet HTML 7Page - Texas Instruments TRS3221E_17 Datasheet HTML 8Page - Texas Instruments TRS3221E_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
TRS3221E
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV IEC ESD PROTECTION
SLLS792 – JUNE 2007
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 80
TRS3221ECDB
SSOP – DB
RS21EC
Reel of 2000
TRS3221ECDBR
0
°C to 70°C
Tube of 90
TRS3221ECPW
TSSOP – PW
RS21EC
Reel of 2000
TRS3221ECPWR
Tube of 80
TRS3221EIDB
SSOP – DB
RS21EI
Reel of 2000
TRS3221EIDBR
–40
°C to 85°C
Tube of 90
TRS3221EIPW
TSSOP – PW
RS21EI
Reel of 2000
TRS3221EIPWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
FUNCTION TABLES
ABC
EACH DRIVER(1)
INPUTS
OUTPUT
DRIVER STATUS
VALID RIN
DOUT
DIN
FORCEON
FORCEOFF
RS-232 LEVEL
X
X
L
X
Z
Powered off
L
H
H
X
H
Normal operation with
auto-powerdown disabled
H
H
H
X
L
L
L
H
Yes
H
Normal operation with
auto-powerdown enabled
H
L
H
Yes
L
L
L
H
No
Z
Powered off by
auto-powerdown feature
H
L
H
No
Z
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance
EACH RECEIVER(1)
INPUTS
OUTPUT
VALID RIN
ROUT
RIN
EN
RS-232 LEVEL
L
L
X
H
H
L
X
L
X
H
X
Z
Open
L
No
H
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance
(off), Open = disconnected input or connected driver off
2
Submit Documentation Feedback


Similar Part No. - TRS3221E_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3221E TI-TRS3221E_1 Datasheet
376Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Similar Description - TRS3221E_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3221E TI-MAX3221E_07 Datasheet
357Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
MAX3221E TI-MAX3221E_06 Datasheet
166Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
TRS3227E TI-TRS3227E Datasheet
350Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E_V01 Datasheet
883Kb / 19P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E_1 Datasheet
376Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E Datasheet
344Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3227E TI-MAX3227E Datasheet
164Kb / 13P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232 TI-MAX3232 Datasheet
331Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
MAX3232 TI-MAX3232_09 Datasheet
615Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/ RECEIVER WITH -15-kV ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com