Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS702 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS702
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS702 Datasheet(HTML) 1 Page - Texas Instruments

  TPS702 Datasheet HTML 1Page - Texas Instruments TPS702 Datasheet HTML 2Page - Texas Instruments TPS702 Datasheet HTML 3Page - Texas Instruments TPS702 Datasheet HTML 4Page - Texas Instruments TPS702 Datasheet HTML 5Page - Texas Instruments TPS702 Datasheet HTML 6Page - Texas Instruments TPS702 Datasheet HTML 7Page - Texas Instruments TPS702 Datasheet HTML 8Page - Texas Instruments TPS702 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PWPPACKAGE
(TOPVIEW)
NC
VIN1
VIN1
MR
EN1
EN2
RESET
GND
VIN2
VIN2
NC
VOUT1
VOUT1
VSENSE1/FB1
PG1
PG2
VSENSE2/FB2
VOUT2
VOUT2
NC
NC=Nointernalconnection
1.8 V
VIN1
VIN2
EN1
EN2
VOUT1
VSENSE1
PG1
MR
RESET
PG2
VSENSE2
VOUT2
TPS70251PWP
5V
3.3V
I/O
PG2
Core
0.1 mF
RESET
10 mF
10 mF
0.1 mF
MR
PG1
EN1
250kW
>2V
<0.7V
250kW
>2V
<0.7V
>2V
<0.7V
EN2
250kW
TPS70245, TPS70248
TPS70251, TPS70258
TPS70202
www.ti.com
SLVS286E – JUNE 2000 – REVISED DECEMBER 2009
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
1
FEATURES
DESCRIPTION
23
Dual Output Voltages for Split-Supply
The TPS702xx is a low dropout voltage regulator with
Applications
integrated SVS (RESET, POR, or power on reset)
and power good (PG) functions. These devices are
Independent Enable Functions (See Part
capable of supplying 500mA and 250mA by regulator
Number TPS701xx for Sequenced Outputs)
1 and regulator 2 respectively. Quiescent current is
Output Current Range of 500mA on Regulator
typically 190
μA at full load. Differentiated features,
1 and 250mA on Regulator 2
such as accuracy, fast transient response, SVS
Fast Transient Response
supervisory circuit (power on reset), manual reset
input, and independent enable functions provide a
Voltage Options: 3.3V/2.5V, 3.3V/1.8V,
complete system solution.
3.3V/1.5V, 3.3V/1.2V, and Dual Adjustable
Outputs
Open Drain Power-On Reset with 120ms Delay
Open Drain Power Good for Regulator 1 and
Regulator 2
Ultralow 190
μA (typ) Quiescent Current
1
μA Input Current During Standby
Low Noise: 65
μVRMS Without Bypass Capacitor
Quick Output Capacitor Discharge Feature
One Manual Reset Input
2% Accuracy Over Load and Temperature
Undervoltage Lockout (UVLO) Feature
20-Pin PowerPAD™ TSSOP Package
Thermal Shutdown Protection
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70202 TI-TPS70202 Datasheet
511Kb / 30P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70202 TI-TPS70202 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
TPS70202 TI-TPS70202 Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70202 TI-TPS70202 Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70202 TI-TPS70202 Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
More results

Similar Description - TPS702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70245PWP TI-TPS70245PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70258PWP TI-TPS70258PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI-TPS70245 Datasheet
511Kb / 30P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI1-TPS70845_16 Datasheet
866Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70302PWPR TI-TPS70302PWPR Datasheet
874Kb / 46P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70248PWP TI-TPS70248PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70445PWPR TI-TPS70445PWPR Datasheet
892Kb / 40P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70451 TI-TPS70451 Datasheet
571Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI-TPS70845 Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com