Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76201 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76201
Description  LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76201 Datasheet(HTML) 4 Page - Texas Instruments

  TPS76201 Datasheet HTML 1Page - Texas Instruments TPS76201 Datasheet HTML 2Page - Texas Instruments TPS76201 Datasheet HTML 3Page - Texas Instruments TPS76201 Datasheet HTML 4Page - Texas Instruments TPS76201 Datasheet HTML 5Page - Texas Instruments TPS76201 Datasheet HTML 6Page - Texas Instruments TPS76201 Datasheet HTML 7Page - Texas Instruments TPS76201 Datasheet HTML 8Page - Texas Instruments TPS76201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TPS76201
LOW OUTPUT ADJUSTABLE
ULTRALOW POWER 100mA LDO LINEAR REGULATOR
SLVS323B − FEBRUARY 2001 − REVISED JANUARY 2007
4
functional block diagram
TPS76201
OUT
IN
FB
GND
EN
VREF
Current Limit
/ Thermal
Protection
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
GND
2
Ground
EN
3
I
Enable input
FB
4
I
Feedback voltage
IN
1
I
Input supply voltage
OUT
5
O
Regulated output voltage
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VO
Output voltage
vs Output current
1, 2
VO
Output voltage
vs Junction temperature
3
Ground current
vs Junction temperature
4
Output spectral noise density
vs Frequency
5
zo
Output impedance
vs Frequency
6
VDO
Dropout voltage
vs Input voltage
7
VDO
Dropout voltage
vs Junction temperature
8
Power supply ripple rejection
vs Frequency
9
Output voltage and enable voltage
vs Time (start-up)
10
Line transient response
11, 13
Load transient response
12, 14
Equivalent series resistance (ESR)
vs Output current
15, 16
www.ti.com


Similar Part No. - TPS76201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
TPS76201-Q1 TI-TPS76201-Q1_15 Datasheet
387Kb / 18P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout
TPS76201DBVR TI-TPS76201DBVR Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201DBVR TI1-TPS76201DBVR Datasheet
580Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results

Similar Description - TPS76201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201DBVTG4 TI1-TPS76201DBVTG4 Datasheet
580Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
TPS76901-HT TI-TPS76901-HT_15 Datasheet
879Kb / 22P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
TPS76201-Q1 TI-TPS76201-Q1_15 Datasheet
387Kb / 18P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com