Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71334DRCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71334DRCT
Description  Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71334DRCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS71334DRCT Datasheet HTML 6Page - Texas Instruments TPS71334DRCT Datasheet HTML 7Page - Texas Instruments TPS71334DRCT Datasheet HTML 8Page - Texas Instruments TPS71334DRCT Datasheet HTML 9Page - Texas Instruments TPS71334DRCT Datasheet HTML 10Page - Texas Instruments TPS71334DRCT Datasheet HTML 11Page - Texas Instruments TPS71334DRCT Datasheet HTML 12Page - Texas Instruments TPS71334DRCT Datasheet HTML 13Page - Texas Instruments TPS71334DRCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
PROGRAMMING THE TPS71202
C1 +
(3
105)
(R1 ) R2)
(R1
R2)
(pF)
(3)
V
OUT
+ VREF
1 )
R1
R2
(1)
DROPOUT VOLTAGE
R1 +
V
OUT
V
REF
* 1
R2
(2)
VOUT2
1.225 V
1.5 V
2.5 V
3.0 V
3.3 V
4.75 V
R1
Short
7.15 k
31.6 k
43.2 k
49.9 k
86.6 k
R2
Open
30.1 k
30.1 k
30.1 k
30.1 k
30.1 k
Output Voltage Programming Guide
C1
Open
100 pF
22 pF
15 pF
15 pF
15 pF
TPS71334
GND
NR
FB2
IN
OUT1
EN1
OUT2
EN2
RESET
V
IN
V
OUT1
V
OUT2
0.1
µF
2.2
µF
2.2
µF
C1
0.01
µF
R1
R2
TPS71319
TPS71334
SBVS055A – DECEMBER 2004 – REVISED JANUARY 2005
ADJUSTABLE LDO REGULATOR
The output voltage of the TPS71202 dual adjustable
The suggested value of this capacitor for several
regulator is programmed using an external resistor
resistor ratios is shown in Figure 25. If this capacitor
divider, as shown in Figure 24. The output voltage is
is not used (such as in a unity-gain configuration) or if
calculated using Equation 1:
an output voltage
≤ 1.8 V is chosen, then the
minimum recommended output capacitor is 4.7 µF
instead of 2.2 µF.
where VREF = 1.225 V (the internal reference volt-
age).
The TPS713xx uses a PMOS pass transistor to
Resistors R2 and R4 should be chosen for approxi-
achieve extremely low dropout. When (VIN - VOUT) is
mately a 40 µA divider current. Lower value resistors
less than the dropout voltage (VDO), the PMOS pass
can be used for improved noise performance, but will
device is in its linear region of operation and the
consume more power. Higher values should be
input-to-output resistance is the RDS, ON of the PMOS
avoided because leakage current at FB increases the
pass element. Dropout voltages at lower currents can
output voltage error. The recommended design pro-
be approximated by calculating the effective RDS, ON
cedure is to choose R2 = 30.1 k
Ω to set the divider
of the pass element and multiplying that resistance by
current at 40 µA, and then calculate R1 using
the load current. RDS, ON of the pass element can be
Equation 2:
obtained by dividing the dropout voltage by the rated
output current. For the TPS71334, the RDS, ON of the
pass element is 84 m
Ω. The dropout voltage of the
TPS713xx will be less for higher output voltage
versions. This is because the PMOS pass element
To improve the stability and noise performance of the
will have lower on-resistance due to increased gate
adjustable version, a small compensation capacitor
drive.
can be placed between OUT and FB.
For voltages
≤ 1.8 V, the value of this capacitor
should be 100 pF. For voltages > 1.8 V, the approxi-
mate value of this capacitor can be calculated as
Equation 3:
Figure 25. TPS71334 Adjustable LDO Regulator Programming
10


Similar Part No. - TPS71334DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71334DRCT TI-TPS71334DRCT Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71334DRCT TI-TPS71334DRCT Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71334DRCTG4 TI-TPS71334DRCTG4 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71334DRCTG4 TI-TPS71334DRCTG4 Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
More results

Similar Description - TPS71334DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71319 TI-TPS71319_07 Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com