Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARH2815S Datasheet(PDF) 4 Page - International Rectifier

Part # ARH2815S
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARH2815S Datasheet(HTML) 4 Page - International Rectifier

  ARH2815S Datasheet HTML 1Page - International Rectifier ARH2815S Datasheet HTML 2Page - International Rectifier ARH2815S Datasheet HTML 3Page - International Rectifier ARH2815S Datasheet HTML 4Page - International Rectifier ARH2815S Datasheet HTML 5Page - International Rectifier ARH2815S Datasheet HTML 6Page - International Rectifier ARH2815S Datasheet HTML 7Page - International Rectifier ARH2815S Datasheet HTML 8Page - International Rectifier ARH2815S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ARH28XXXXS SERIES
(28V Input, Single Output)
4
2016-06-29
Notes to Specifications
1. Operation outside absolute maximum/minimum limits may cause permanent damage to the device. Extended operation at the limits
may permanently degrade performance and affect reliability.
2. Device performance specified in Electrical Performance table is guaranteed when operated within recommended limits. Operation
outside recommended limits is not specified.
3. Parameter measured from 28V to 18V or to 50V while load remains fixed at 10%, 50% and 100% of Imax.
4. Parameter measured from 50% to 10% or 100% of maximum load conditions while line remains fixed at 18, 28 or 50 volts.
5. Guaranteed for a bandwidth of DC to 20 MHz. Tested using a 20 KHz to 2.0 MHz bandwidth.
6. A capacitive load of any value from 0 to the specified maximum is permitted without compromise to DC performance. A capacitive
load in excess of the maximum limit may interfere with the proper operation of the converter’s short circuit protection, causing
erratic behavior during turn on.
7. Parameter is tested as part of design characterization or after design or process changes. Thereafter, parameters shall be
guaranteed to the limits specified in the table.
8. Load transient rate of change, di/dt
 2.0 A/µs.
9. Recovery time is measured from the initiation of the transient to where VOUT has returned to within ±1% of its steady state value.
10. Line transient rate of change, dv/dt
 50 V/µs.
11. Turn on delay time is for either a step application of input power or a logical low to high transition on the enable pin (pin 3) while
power is present at the input.
Static Characteristics (Continued) -55°C ≤ TCASE ≤ +125°C,VIN = 28VDC ± 5%, CL =0, unless otherwise specified.
Parameter
Symbol
Test Conditions
Limits
Min.
Max.
Turn on overshoot
VOS
IOUT = 10% or 100% of IMAX
5.0
% VOUT
Turn on delay
Note 11
TDLY
IOUT = 10% or 100% of IMAX
2.0
20
ms
Capacitive load
Notes 6, 7
ARH2802R5S
ARH2803R3S
ARH2805S
ARH2805R2S
ARH2812S
ARH2815S
CL
No effect on DC performance
1200
1200
1000
1000
180
120
µF
Isolation
ISO
500VDC input to output or
Any pin to case
100
M
Recovery from a short circuit
VR
Output shorted, then open into max
rated load current. Vin = 28V
10
% of rated
output
voltage
Overload trip current
OVLD
Maximum current at specified
output voltage
105
135
% of max
output
current
Unit
Recovery time from step line
changes
Notes 7, 9, 10
ARH2802R5S
ARH2803R3S
ARH2805S
ARH2805R2S
ARH2812S
ARH2815S
TTLN
IOUT = IMAX, VIN = 18 V to/from 50 V
600
600
700
700
320
400
s


Similar Part No. - ARH2815S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARH2815S IRF-ARH2815S Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ARH2815S/CK IRF-ARH2815S/CK Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ARH2815S/EM IRF-ARH2815S/EM Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ARH2815SCK IRF-ARH2815SCK Datasheet
191Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
ARH2815SEM IRF-ARH2815SEM Datasheet
191Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
More results

Similar Description - ARH2815S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXD IRF-AMR28XXD Datasheet
128Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3G500512T IRF-M3G500512T Datasheet
152Kb / 10P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com