Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARH2812S Datasheet(PDF) 8 Page - International Rectifier

Part # ARH2812S
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARH2812S Datasheet(HTML) 8 Page - International Rectifier

Back Button ARH2812S Datasheet HTML 4Page - International Rectifier ARH2812S Datasheet HTML 5Page - International Rectifier ARH2812S Datasheet HTML 6Page - International Rectifier ARH2812S Datasheet HTML 7Page - International Rectifier ARH2812S Datasheet HTML 8Page - International Rectifier ARH2812S Datasheet HTML 9Page - International Rectifier ARH2812S Datasheet HTML 10Page - International Rectifier ARH2812S Datasheet HTML 11Page - International Rectifier ARH2812S Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ARH28XXXXS SERIES
(28V Input, Single Output)
8
2016-06-29
While other available types of heat conducting materials
and thermal compounds provide similar effectiveness,
these alternatives are often less convenient and are
sometimes messy to use.
A conservative aid to estimating the total heat sink surface area
(AHEAT SINK) required to set the maximum case temperature rise
(
T) above ambient temperature is given by the following expres-
sion:
Where
As an example, assume that it is desired to maintain the
case temperature of an ARH2815S at +65°C or less while
operating in an open area whose ambient temperature
does not exceed +35°C; then
T = 65 - 35 = 35°C.
From the Specification Table, the worst case full load efficiency
for this device is 80%; therefore the maximum power dissipation
at full load is given by
and the required heat sink area is
Thus, a total heat sink surface area (including fins, if any)
of approximately 32 in2 in this example, would limit case
rise to 35°C above ambient. A flat aluminum plate, 0.25"
thick and of approximate dimension 4" by 4" (16 in2 per
side) would suffice for this application in a still air environment.
Note that to meet the criteria, both sides of the plate require
unrestricted exposure to the ambient air. The user should
remember that when operating in the vacuum of space,
this method does not apply and all heat must be conducted away
from the attaching surface.
A HEATSINK
 
T
P
80
594
085
143
.
.
.
T
PP
Eff
OUT

Case temperature rise above ambient
Device dissipation in Watts
1
1

P


30
1
80
130 0 25
7 5
.
.. W
A
=
35
80 7.5
in
HEAT SINK
0.85

143
2
594 318
.
..
1Sil-Pad is a registered Trade Mark of Bergquist, Minneapolis, MN
Inhibiting Converter Output
As an alternative to application and removal of the DC
voltage at the input, the user can control the converter
output by providing an input referenced, TTL compatible,
logic signal to the enable pin 3.This port is internally
pulled “high” so that when not used, an open connection
on the pin permits normal converter operation.
When inhibited outputs are desired, a logical “low” on this
port will shut he converter down. An open collector
device capable of sinking at least 100 µA connected to
enable pin 3 will work well in this application.
A benefit of utilization of the enable input is that following an
initial charge of the input capacitor, subsequent turn-on
commands will induce no uncontrolled current inrush.
Figure II. Enable Input Equivalent Circuit
Synchronization
When using multiple converters, system requirements
may dictate operating several converters at a common
system frequency. To accommodate this requirement, the
ARH28XXXXS type converter provides a synchronization
input port.
The sync input port permits synchronization of an ARH
converter to any compatible external frequency source
operating in the band of 225 to 310 kHz. In the event of
failure of an external synchronization source, the converter will
revert to its own internally set frequency. When external
synchronization is not desired, the sync in port may be left
open (unconnected) permitting the converter to operate at its own
internally set frequency.
When an external frequency source is not available, an
internal clock signal is provided through appropriate buffering at
the sync out port. This port can drive a minimum of 3
ARH sync in ports thereby allowing all to operate at the
same clock frequency.


Similar Part No. - ARH2812S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARH2812S IRF-ARH2812S Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ARH2812S/CK IRF-ARH2812S/CK Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ARH2812S/EM IRF-ARH2812S/EM Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ARH2812SCK IRF-ARH2812SCK Datasheet
191Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
ARH2812SEM IRF-ARH2812SEM Datasheet
191Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
More results

Similar Description - ARH2812S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXD IRF-AMR28XXD Datasheet
128Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3G500512T IRF-M3G500512T Datasheet
152Kb / 10P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com