Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARH2805S Datasheet(PDF) 1 Page - International Rectifier

Part # ARH2805S
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARH2805S Datasheet(HTML) 1 Page - International Rectifier

  ARH2805S Datasheet HTML 1Page - International Rectifier ARH2805S Datasheet HTML 2Page - International Rectifier ARH2805S Datasheet HTML 3Page - International Rectifier ARH2805S Datasheet HTML 4Page - International Rectifier ARH2805S Datasheet HTML 5Page - International Rectifier ARH2805S Datasheet HTML 6Page - International Rectifier ARH2805S Datasheet HTML 7Page - International Rectifier ARH2805S Datasheet HTML 8Page - International Rectifier ARH2805S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
 
HYBRID-HIGH RELIABILITY
RADIATION TOLERANT
DC-DC CONVERTER
ARH
ARH28XXXXS SERIES
Description
The ARH Series of DC-DC converters has been designed
specifically for use in the hostile environments The high
level of radiation tolerance inherent in the ARH design is
the result of extensive research, thorough analysis and
testing and of careful component specification. Designed
to supplement the triple output configuration provided by
the ART Series, the ARH circuit topology is the follow-on
to the successful ART design and incorporates many of
the design features characterizing that product line. Capable of
uniform high performance over long term exposures in
radiation intense environments, this series expands the
standard for distributed power systems demanding high
performance and reliability in the harsh environments.
The ARH converters are hermetically sealed in a rugged,
low profile package utilizing copper core input and output
pins to minimize resistive DC losses. Long-term hermetically
is assured through use of parallel seam welded lid attachment
along with rugged ceramic pin-to-package seal. Axial orientation
of the leads facilitates preferred bulkhead mounting placing the
converter on the principal heat-dissipating surface.
Manufactured in a facility fully qualified to MIL-PRF-38534, these
converters are fabricated utilizing DLA Land and Maritime
qualified processes. For available screening options,
refer to device screening table in the data sheet.
Variations in electrical, mechanical and screening specifications
can be accommodated. Contact IR HiRel San Jose for special
requirements.
1
2016-06-29
PD-95887C
28V Input, Single Output
Features
 Total Dose > 100 kRads(Si), 2:1 Margin
 SEE Hardened to LET up to 83 MeV.cm2/mg
 De-rated per MIL-STD-975 & MIL-STD-1547
 Output Power to 30 Watts
 Regulates to No-Load
 18 to 50 Volt Input Range
 Input Under voltage Lockout
 Fully Characterized from -55°C to +125°C
 Continuous Short Circuit Protection
 12.8 W/in3 Output Power Density
 True Hermetic Package
 External Inhibit Port
 Externally Synchronization
 Fault Tolerant Design
 Available with Outputs from 2.5V to 15V
 Overload Protection
 Standard Microcircuit Drawings Available


Similar Part No. - ARH2805S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARH2805S IRF-ARH2805S Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ARH2805S IRF-ARH2805S Datasheet
191Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
ARH2805S/CK IRF-ARH2805S/CK Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ARH2805S/EM IRF-ARH2805S/EM Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ARH2805SCK IRF-ARH2805SCK Datasheet
191Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
More results

Similar Description - ARH2805S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXD IRF-AMR28XXD Datasheet
128Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3G500512T IRF-M3G500512T Datasheet
152Kb / 10P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com