Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86E02 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z86E02
Description  Two On-Board Comparators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E02 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button Z86E02 Datasheet HTML 2Page - Zilog, Inc. Z86E02 Datasheet HTML 3Page - Zilog, Inc. Z86E02 Datasheet HTML 4Page - Zilog, Inc. Z86E02 Datasheet HTML 5Page - Zilog, Inc. Z86E02 Datasheet HTML 6Page - Zilog, Inc. Z86E02 Datasheet HTML 7Page - Zilog, Inc. Z86E02 Datasheet HTML 8Page - Zilog, Inc. Z86E02 Datasheet HTML 9Page - Zilog, Inc. Z86E02 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Z86C02/E02/L02
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
Zilog
6
P R E L I M I N A R Y
DS96DZ80301
DC ELECTRICAL CHARACTERISTICS
Z86C02
TA = 40°C to +105°C
TA = 0°C to +70°C
Typical
Sym.
Parameter
VCC [4]
Min
Max
@ 25
°C
Units
Conditions
Notes
VCH
Clock Input High
Voltage
3.0V
0.8 VCC
VCC+0.3
1.7
V
Driven by External
Clock Generator
5.5V
0.8 VCC
VCC+0.3
2.8
V
Driven by External
Clock Generator
VCL
Clock Input Low
Voltage
3.0V
VSS–0.3
0.2 VCC
0.8
V
Driven by External
Clock Generator
5.5V
VSS–0.3
0.2 VCC
1.7
V
Driven by External
Clock Generator
VIH
Input High Voltage
3.0V
0.7 VCC
VCC+0.3
1.8
V
[1]
5.5V
0.7 VCC
VCC+0.3
2.8
V
[1]
VIL
Input Low Voltage
3.0V
VSS–0.3
0.2 VCC
0.8
V
[1]
5.5V
VSS–0.3
0.2 VCC
1.5
V
[1]
VOH
Output High Voltage
3.0V
VCC–0.4
3.0
V
IOH = –2.0 mA
[5]
5.5V
VCC–0.4
4.8
V
IOH = –2.0 mA
[5]
3.0V
VCC–0.4
3.0
V
Low Noise @
IOH = –0.5 mA
5.5V
VCC–0.4
4.8
V
Low Noise @
IOH = –0.5 mA
VOL1
Output Low Voltage
3.0V
0.8
0.2
V
IOL = +4.0 mA
[5]
5.5V
0.4
0.1
V
IOL = +4.0 mA
[5]
3.0V
0.8
0.2
V
Low Noise @
IOL = 1.0 mA
5.5V
0.4
0.1
V
Low Noise @
IOL = 1.0 mA
VOL2
Output Low Voltage
3.0V
1.0
0.8
V
IOL = +12 mA
[5]
5.5V
0.8
0.3
V
IOL = +12 mA
[5]
VOFFSET Comparator Input
Offset Voltage
3.0V
25
10
mV
5.5V
25
10
mV
VLV
VCC Low Voltage
Auto Reset
V
2.2
2.8
2.6
V
[9]
2.0
3.0
2.6
V
[10]
IIL
Input Leakage
(Input Bias Current
of Comparator)
3.0V
–1.0
1.0
µAV
IN = 0V, VCC
5.5V
–1.0
1.0
µAV
IN = 0V, VCC
IOL
Output Leakage
3.0V
–1.0
1.0
µAV
IN = 0V, VCC
5.5V
–1.0
1.0
µAV
IN = 0V, VCC
VVICR Comparator Input
Common Mode
Voltage Range
VSS–0.3
VCC –1.0
V
[9]
VSS–0.3
VCC –1.5
V
[10]


Similar Part No. - Z86E02

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E02 ZILOG-Z86E02 Datasheet
305Kb / 38P
   Z8 CMOS OTP Microcontrollers
Z86E02 ZILOG-Z86E02 Datasheet
75Kb / 18P
   CMOS Z8 OTP MICROCONTROLLER
logo
List of Unclassifed Man...
Z86E02 ETC-Z86E02 Datasheet
873Kb / 71P
   General-Purpose OTP MCU with 14 I/O LInes
Z86E0208PSC ETC-Z86E0208PSC Datasheet
873Kb / 71P
   General-Purpose OTP MCU with 14 I/O LInes
Z86E0212HEC1995 ETC-Z86E0212HEC1995 Datasheet
873Kb / 71P
   General-Purpose OTP MCU with 14 I/O LInes
More results

Similar Description - Z86E02

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM393 ESTEK-LM393 Datasheet
384Kb / 4P
   two independent voltage comparators
logo
Maxim Integrated Produc...
MAX38902EVKIT MAXIM-MAX38902EVKIT Datasheet
1Mb / 7P
   Two Independent Circuits on One Board
Rev 0; 11/17
MAX25300EVKIT MAXIM-MAX25300EVKIT Datasheet
670Kb / 7P
   Two Independent Circuits on One Board
Rev 0; 8/20
logo
STMicroelectronics
AN4199 STMICROELECTRONICS-AN4199 Datasheet
2Mb / 23P
   Two-layer demonstration board based on the STA333IS
logo
OSRAM GmbH
GWKAGHB3.EM OSRAM-GWKAGHB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAGLB2.CM OSRAM-GWKAGLB2.CM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAHLB2.CM OSRAM-GWKAHLB2.CM Datasheet
3Mb / 18P
   Chip-on-Board
GW-KAGJB2-EM OSRAM-GW-KAGJB2-EM Datasheet
1Mb / 17P
   Chip-on-Board
GW-KAGGB3.CM OSRAM-GW-KAGGB3.CM Datasheet
773Kb / 17P
   Chip-on-Board
GW-KAFGB3.CM OSRAM-GW-KAFGB3.CM Datasheet
1Mb / 17P
   Chip-on-Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com