Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86E02 Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z86E02
Description  Two On-Board Comparators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E02 Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z86E02 Datasheet HTML 7Page - Zilog, Inc. Z86E02 Datasheet HTML 8Page - Zilog, Inc. Z86E02 Datasheet HTML 9Page - Zilog, Inc. Z86E02 Datasheet HTML 10Page - Zilog, Inc. Z86E02 Datasheet HTML 11Page - Zilog, Inc. Z86E02 Datasheet HTML 12Page - Zilog, Inc. Z86E02 Datasheet HTML 13Page - Zilog, Inc. Z86E02 Datasheet HTML 14Page - Zilog, Inc. Z86E02 Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Z86C02/E02/L02
Zilog
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
DS96DZ80301
P R E L I M I N A R Y
11
1
TA = –40°C to +105°C
TA = 0°C to +70°C
Typical
Sym. Parameter
VCC [4]
Min
Max
@ 25
°C
Units
Conditions
Notes
ICC Supply Current
4.5V
9.0
3.8
mA
@ 2 MHz
[5,6]
5.5V
9.0
3.8
mA
@ 2 MHz
[5,6]
4.5V
15.0
4.4
mA
@ 8 MHz
[5,6]
5.5V
15.0
4.4
mA
@ 1 MHz
[5,6]
ICC1 Standby Current (HALT mode)
4.5V
4.0
2.5
mA
@ 2 MHz
[5,6]
5.5V
4.0
2.5
mA
@ 2 MHz
[5,6]
4.5V
5.0
3.0
mA
@ 4 MHz
[5,6]
5.5V
5.0
3.0
mA
@ 4 MHz
[5,6]
ICC Supply Current (Low Noise
Mode)
4.5V
9.0
3.8
mA
[6]
5.5V
9.0
3.8
mA
[6]
4.5V
11.0
4.0
mA
@ 2 MHz
[6]
5.5V
11.0
4.0
mA
@ 2 MHz
[6]
4.5V
15.0
4.4
mA
@ 4 MHz
[6]
5.5V
15.0
4.4
mA
@ 4 MHz
[6]
ICC1 Standby Current (Low Noise
Halt Mode)
4.5V
4.0
2.5
mA
@ 1 MHz
[6,7,8]
5.5V
4.0
2.5
mA
@ 1 MHz
[6,7,8]
4.5V
4.5
2.7
mA
@ 2 MHz
[6,7,8]
5.5V
4.5
2.7
mA
@ 2 MHz
[6,7,8]
4.5V
5.0
3.0
mA
@ 4 MHz
[6,7,8]
5.5V
5.0
3.0
mA
@ 4 MHz
[6,7,8]
ICC2 Standby Current (Stop Mode)
4.5V
10
1.0
µA
[6,7,9]
4.5V
20
1.0
µA
[6,7,10]
5.5V
10
1.0
µA
[6,7,9]
5.5V
20
1.0
µA
6,7,10]
IALL Auto Latch Low Current
4.5V
32
16
µA
0V <VIN<VCC
5.5V
32
16
µA
0V <VIN<VCC
ALH
Auto Latch High
4.5V
–16
-8.0
µA
0V <VIN<VCC
5.5V
–16
–8.0
µA
0V <VIN<VCC
Notes:
1. Port 0, 2, and 3 only.
2. VSS = 0V = GND.
3. The device operates down to VLV of the specified frequency for VLV. The minimum operational VCC is determined by the value of
the voltage VLV at the ambient temperature.
4. The VLV increases as the temperature decreases.
5. VCC = 4.5V to 5.5V, typical values measured at VCC = 5.0V.
6. Standard mode (not Low EMI mode).
7. Inputs at VCC or VSS, outputs unloaded.
8. WDT not running.
9. Halt mode and Low EMI mode.
10. TA= 0˚C to 70˚C.TA= –40˚C to 105˚C.


Similar Part No. - Z86E02

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E02 ZILOG-Z86E02 Datasheet
305Kb / 38P
   Z8 CMOS OTP Microcontrollers
Z86E02 ZILOG-Z86E02 Datasheet
75Kb / 18P
   CMOS Z8 OTP MICROCONTROLLER
logo
List of Unclassifed Man...
Z86E02 ETC-Z86E02 Datasheet
873Kb / 71P
   General-Purpose OTP MCU with 14 I/O LInes
Z86E0208PSC ETC-Z86E0208PSC Datasheet
873Kb / 71P
   General-Purpose OTP MCU with 14 I/O LInes
Z86E0212HEC1995 ETC-Z86E0212HEC1995 Datasheet
873Kb / 71P
   General-Purpose OTP MCU with 14 I/O LInes
More results

Similar Description - Z86E02

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM393 ESTEK-LM393 Datasheet
384Kb / 4P
   two independent voltage comparators
logo
Maxim Integrated Produc...
MAX38902EVKIT MAXIM-MAX38902EVKIT Datasheet
1Mb / 7P
   Two Independent Circuits on One Board
Rev 0; 11/17
MAX25300EVKIT MAXIM-MAX25300EVKIT Datasheet
670Kb / 7P
   Two Independent Circuits on One Board
Rev 0; 8/20
logo
STMicroelectronics
AN4199 STMICROELECTRONICS-AN4199 Datasheet
2Mb / 23P
   Two-layer demonstration board based on the STA333IS
logo
OSRAM GmbH
GWKAGHB3.EM OSRAM-GWKAGHB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAGLB2.CM OSRAM-GWKAGLB2.CM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAHLB2.CM OSRAM-GWKAHLB2.CM Datasheet
3Mb / 18P
   Chip-on-Board
GW-KAGJB2-EM OSRAM-GW-KAGJB2-EM Datasheet
1Mb / 17P
   Chip-on-Board
GW-KAGGB3.CM OSRAM-GW-KAGGB3.CM Datasheet
773Kb / 17P
   Chip-on-Board
GW-KAFGB3.CM OSRAM-GW-KAFGB3.CM Datasheet
1Mb / 17P
   Chip-on-Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com