Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

46-3000-56 Datasheet(PDF) 11 Page - Zilog, Inc.

Part # 46-3000-56
Description  Factory-default operating clock frequency at 50 MHz
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

46-3000-56 Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button 46-3000-56 Datasheet HTML 7Page - Zilog, Inc. 46-3000-56 Datasheet HTML 8Page - Zilog, Inc. 46-3000-56 Datasheet HTML 9Page - Zilog, Inc. 46-3000-56 Datasheet HTML 10Page - Zilog, Inc. 46-3000-56 Datasheet HTML 11Page - Zilog, Inc. 46-3000-56 Datasheet HTML 12Page - Zilog, Inc. 46-3000-56 Datasheet HTML 13Page - Zilog, Inc. 46-3000-56 Datasheet HTML 14Page - Zilog, Inc. 46-3000-56 Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
PS026102-1207
Pin Description
Zdots® SBC for eZ80AcclaimPlus!Connectivity ASSP
Product Specification
7
Input/Output Connector
Figure 3 on page 8 displays the pin layout of the 60-pin I/O connector (JP2) of the Zdots.
However, the eZ80® Development Platform features a 50-pin connector. The Zdots is
designed to interface pin 60 of its JP2 connector to pin 50 of the eZ80 development plat-
form’s JP2 connector so that pins 1–10 of the Zdots overlap the edge of the eZ80 develop-
ment platform. Table 2 on page 8 describes the pins.
55
GND
VSS/Ground (0 V).
56
RD
Bidirectional
57
WR
Bidirectional
58
INSTRD
Output
59
BUSACK
Output
60
BUSREQ
PU 2 k
Input
*Notes
1. External capacitive loads on RD, WR, IORQ, MREQ, D0–D7, and A0–A23 must be below 10 pF to satisfy
timing requirements for the CPU.
2. All unused inputs must be pulled to either VDD or GND, depending on their inactive levels, to reduce power
consumption and to reduce noise sensitivity.
3. All inputs are CMOS level 3.3 V (5 V tolerant), except where otherwise noted.
Table 1. Zdots Peripheral Bus Connector Pin Identification* (Continued)
Pin No Symbol
Pull
Up/Down*
Signal Direction Comments


Similar Part No. - 46-3000-56

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
46-3000-56 ZILOG-46-3000-56 Datasheet
581Kb / 22P
   Real-time clock support
More results

Similar Description - 46-3000-56

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113 Datasheet
2Mb / 131P
   32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Skyworks Solutions Inc.
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5350B-B SILABS-SI5350B-B Datasheet
1Mb / 32P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
SI5350C-B SILABS-SI5350C-B Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com