Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

46-3000-63 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # 46-3000-63
Description  Factory-default operating clock frequency at 50 MHz
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

46-3000-63 Datasheet(HTML) 5 Page - Zilog, Inc.

  46-3000-63 Datasheet HTML 1Page - Zilog, Inc. 46-3000-63 Datasheet HTML 2Page - Zilog, Inc. 46-3000-63 Datasheet HTML 3Page - Zilog, Inc. 46-3000-63 Datasheet HTML 4Page - Zilog, Inc. 46-3000-63 Datasheet HTML 5Page - Zilog, Inc. 46-3000-63 Datasheet HTML 6Page - Zilog, Inc. 46-3000-63 Datasheet HTML 7Page - Zilog, Inc. 46-3000-63 Datasheet HTML 8Page - Zilog, Inc. 46-3000-63 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
PS026102-1207
Zdots® SBC for eZ80AcclaimPlus!Connectivity ASSP
Zdots® SBC for eZ80AcclaimPlus!Connectivity ASSP
Product Specification
1
Zdots® SBC for eZ80AcclaimPlus!
Connectivity ASSP
Zilog’s Zdots® Single Board Computer (SBC) for eZ80AcclaimPlus!Connectivity
Application Specific Standard Product (ASSP) is a compact, high-performance Ethernet
SBC specially designed for the rapid development and deployment of embedded systems
requiring control and internet/intranet connectivity.
This expandable module is powered by Zilog’s latest power-efficient, high-speed,
optimized pipeline architecture eZ80F91 connectivity ASSP, a member of
eZ80AcclaimPlus! Zilog® family.
eZ80F91 is a high-speed single-cycle instruction-fetch microcontroller, which operates
with a clock speed of 50 MHz. It can also operate in Z80®-compatible addressing mode
(64 KB) or full 24-bit addressing mode (16 MB).
The peripheral-rich Zdots SBC makes it suitable for a variety of applications including
industrial control, IrDA connectivity, communication, security, automation, point-of-sale
terminals, and embedded networking applications.
Zdots® SBC for eZ80AcclaimPlus!
TM Connectivity ASSP Features
Features of Zdots SBC for eZ80AcclaimPlus! Connectivity ASSP include:
Factory-default operating clock frequency at 50 MHz
10/100 Base-T Ethernet PHY with RJ45 connector
512 KB fast SRAM
256 KB on-chip Flash memory
1 MB OFF-chip NOR Flash memory
Battery-backed Real-Time Clock
Input/Output connector which provides 32 general-purpose 5 V-tolerant I/O pinouts
Zilog’s industry-leading IrDA transceiver—Zilog ZHX1810
Onboard connector provides I/O bus for external peripheral connections (IRQ, CS, 24 ad-
dress, and 8 data)
Low-cost connection to carrier board via two 2x30 pin headers
Small footprint 63.5 mm x 78.7 mm
3.3 V power supply
Standard operating temperature range: 0 ºC to +70 ºC


Similar Part No. - 46-3000-63

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
46-3000-63 ZILOG-46-3000-63 Datasheet
581Kb / 22P
   Real-time clock support
More results

Similar Description - 46-3000-63

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113 Datasheet
2Mb / 131P
   32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Skyworks Solutions Inc.
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5350B-B SILABS-SI5350B-B Datasheet
1Mb / 32P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
SI5350C-B SILABS-SI5350C-B Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com