Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z32F06410AKS Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z32F06410AKS
Description  High Performance low-power Cortex-M3 core
Download  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z32F06410AKS Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z32F06410AKS Datasheet HTML 5Page - Zilog, Inc. Z32F06410AKS Datasheet HTML 6Page - Zilog, Inc. Z32F06410AKS Datasheet HTML 7Page - Zilog, Inc. Z32F06410AKS Datasheet HTML 8Page - Zilog, Inc. Z32F06410AKS Datasheet HTML 9Page - Zilog, Inc. Z32F06410AKS Datasheet HTML 10Page - Zilog, Inc. Z32F06410AKS Datasheet HTML 11Page - Zilog, Inc. Z32F06410AKS Datasheet HTML 12Page - Zilog, Inc. Z32F06410AKS Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 205 page
background image
Z32F0641 Product Specification
Overview
PS034404-0417
PRELIMINARY
6
Functional Description
The following section provides an overview of the features of the Z32F0641 microcontroller.
ARM Cortex-M3
ARM-powered Cortex-M3 core based on ARMv7M architecture, which is optimized for small-size
and low-power systems. On core system timer (SYSTICK) provides a simple 24-bit timer that
enables easy management of system operations
Thumb-compatible Thumb-2 only instruction set processor core makes code high-density
Hardware division and single-cycle multiplication
Integrated Nested Vectored Interrupt Controller (NVIC) provides deterministic interrupt handling
JTAG and SWD debugging features
Maximum 48 MHz operating frequency with zero wait execution
Nested Vector-Interrupt Controller (NVIC)
The ARM Nested Vectored Interrupt Controller (NVIC) on the ARM Cortex-M3 core handles all
internal and external exceptions. When an interrupt condition is detected, the processor state is
automatically stored to the stack and automatically restored from the stack at the end of interrupt
service routine.
The vector is fetched in parallel to the state saving, which enables efficient interrupt entry.
The processor supports tail-chaining, which allows for back-to-back interrupts to be performed
without the overhead of state saving and restoring
64 KB Internal Code Flash Memory
The Z32F0641 MCU provides internal 64 KB code Flash memory and its controller, which is
sufficient to program the motor algorithm and control the system. Self-programming is available
and ISP and JTAG programming is also supported in boot or debugging mode.
Instruction and data cache buffer are present and overcome the low-bandwidth Flash memory.
The CPU can execute from Flash memory with zero wait state up to 48 MHz bus frequency.
8 KB 0-wait Internal SRAM
On chip 8 KB 0-wait SRAM can be used for working memory space and program code can be
loaded on this SRAM
Boot Logic
Smart boot logic supports Flash programming. The Z32F0641 MCU can be accessed by an
external boot pin; UART and SPI programming are available in Boot Mode
System Control Unit
The System Control Unit (SCU) block manages internal power, clock, reset, and Operation Mode.
The SCU also controls analog blocks (Oscillator Block, VDC and LVD)
32-bit Watchdog Timer
The Watchdog Timer (WDT) performs the system monitoring function. The WDT generates an
internal reset or interrupt if the system is in abnormal state
Multi-purpose 16-bit Timer
Six-channel 16-bit general purpose timers support the following functions
o
Periodic timer mode
o
Counter mode
o
PWM mode
o
Capture mode


Similar Part No. - Z32F06410AKS

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z32F0642 ZILOG-Z32F0642 Datasheet
720Kb / 13P
   1 Z32F0642 Evaluation Board
More results

Similar Description - Z32F06410AKS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32 STMICROELECTRONICS-STM32_V01 Datasheet
140Kb / 6P
   Leading-edge architecture with Cortex-M3 core
2007
logo
Fujitsu Component Limit...
MB9BF500 FUJITSU-MB9BF500 Datasheet
784Kb / 4P
   32-bit MCUs with ARM Cortex-M3 Core
logo
Holtek Semiconductor In...
HT32F1251 HOLTEK-HT32F1251 Datasheet
851Kb / 35P
   32-bit Microcontroller with ARM Cortex-M3 Core
HT32F1251 HOLTEK-HT32F1251_12 Datasheet
1Mb / 35P
   Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
logo
ATMEL Corporation
SAM3N ATMEL-SAM3N Datasheet
254Kb / 2P
   Cortex M3 Flash Microcontroller Converges Performance and Simplicity
logo
Holtek Semiconductor In...
HT32F1755 HOLTEK-HT32F1755 Datasheet
1Mb / 45P
   Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
logo
NXP Semiconductors
MC68HC11KG4 NXP-MC68HC11KG4 Datasheet
8Mb / 246P
   Low Power,high performance M68HC11 CPU core
logo
STMicroelectronics
STM32L152CBT6 STMICROELECTRONICS-STM32L152CBT6 Datasheet
2Mb / 121P
   Ultra-low-power 32-bit MCU ARM-based Cortex-M3
logo
Analog Devices
ADUCM3027 AD-ADUCM3027 Datasheet
688Kb / 39P
   Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
logo
ATMEL Corporation
ATSAM3U ATMEL-ATSAM3U_10 Datasheet
1Mb / 62P
   AT91ARM Cortex M3-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com