Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61165DRVRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61165DRVRG4
Description  High-Brightness, White LED Driver in WSON and SOT-23 Packages
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61165DRVRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS61165DRVRG4 Datasheet HTML 1Page - Texas Instruments TPS61165DRVRG4 Datasheet HTML 2Page - Texas Instruments TPS61165DRVRG4 Datasheet HTML 3Page - Texas Instruments TPS61165DRVRG4 Datasheet HTML 4Page - Texas Instruments TPS61165DRVRG4 Datasheet HTML 5Page - Texas Instruments TPS61165DRVRG4 Datasheet HTML 6Page - Texas Instruments TPS61165DRVRG4 Datasheet HTML 7Page - Texas Instruments TPS61165DRVRG4 Datasheet HTML 8Page - Texas Instruments TPS61165DRVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
TPS61165
www.ti.com
SLVS790D – NOVEMBER 2007 – REVISED APRIL 2016
Product Folder Links: TPS61165
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
To select EasyScale mode, the CTRL pin has to be low for more than tes_det during tes_win.
7.4 Electrical Characteristics
VIN = 3.6 V, CTRL = VIN, TA = –40°C to +85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range, VIN
3
18
V
IQ
Operating quiescent current into VIN
Device PWM switching no load
2.3
mA
ISD
Shutdown current
CRTL=GND, VIN = 4.2 V
1
μA
UVLO
Undervoltage lockout threshold
VIN falling
2.2
2.5
V
Vhys
Undervoltage lockout hysterisis
70
mV
ENABLE AND REFERENCE CONTROL
V(CTRLh)
CTRL logic high voltage
VIN = 3 V to 18 V
1.2
V
V(CTRLl)
CTRL logic low voltage
VIN = 3 V to 18 V
0.4
V
R(CTRL)
CTRL pull down resistor
400
800
1600
k
toff
CTRL pulse width to shutdown
CTRL high to low
2.5
ms
tes_det
Easy Scale detection time(1)
CTRL pin low
260
μs
tes_delay
Easy Scale detection delay
100
μs
tes_win
Easy Scale detection window time
Measured from CTRL high
1
ms
VOLTAGE AND CURRENT CONTROL
VREF
Voltage feedback regulation voltage
196
200
204
mV
V(REF_PWM)
Voltage feedback regulation voltage under
brightness control
VFB = 50 mV
47
50
53
mV
VFB = 20 mV
17
20
23
IFB
Voltage feedback input bias current
VFB = 200 mV
2
μA
fS
Oscillator frequency
1.0
1.2
1.5
MHz
Dmax
Maximum duty cycle
VFB = 100 mV
90%
93%
tmin_on
Minimum on pulse width
40
ns
Isink
Comp pin sink current
100
μA
Isource
Comp pin source current
100
μA
Gea
Error amplifier transconductance
240
320
400
umho
Rea
Error amplifier output resistance
6
M
fea
Error amplifier crossover frequency
5 pF connected to COMP
500
kHz
POWER SWITCH
RDS(ON)
N-channel MOSFET on-resistance
VIN = 3.6 V
0.3
0.6
VIN = 3.0 V
0.7
ILN_NFET
N-channel leakage current
VSW = 35 V, TA = 25°C
1
μA
OC and OLP
ILIM
N-Channel MOSFET current limit
D = Dmax
0.96
1.2
1.44
A
ILIM_Start
Start up current limit
D = Dmax
0.7
A
tHalf_LIM
Time step for half current limit
5
ms
Vovp
Open LED protection threshold
Measured on the SW pin
37
38
39
V
V(FB_OVP)
Open LED protection threshold on FB
Measured on the FB pin, percentage of Vref,
Vref = 200 mV and 20 mV
50%
tREF
VREF filter time constant
180
μs
tstep
VREF ramp up time
Each step, Measured as number of cycles of
the 1.2-MHz clock
213
μs
THERMAL SHUTDOWN
Tshutdown
Thermal shutdown threshold
160
°C
Thysteresis
Thermal shutdown threshold hysteresis
15
°C


Similar Part No. - TPS61165DRVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165DRVRG4 TI-TPS61165DRVRG4 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
More results

Similar Description - TPS61165DRVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
TPS61165-Q1 TI1-TPS61165-Q1 Datasheet
805Kb / 24P
[Old version datasheet]   High Brightness White LED Driver in SOT-23 Package
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
logo
Monolithic Power System...
MP4000 MPS-MP4000 Datasheet
557Kb / 12P
   Offline High Brightness White LED Driver Controller
MP4001 MPS-MP4001 Datasheet
1Mb / 16P
   Universal Input High Brightness White LED Driver
logo
Texas Instruments
LM1117IMP-ADJ TI-LM1117IMP-ADJ Datasheet
2Mb / 32P
[Old version datasheet]   Space Saving SOT-223 and WSON Packages, Current Limiting and Thermal Protection
LMR10510 TI1-LMR10510_14 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LM4040AIM3-2.5 TI-LM4040AIM3-2.5 Datasheet
1Mb / 52P
[Old version datasheet]   Small Packages: SOT-23, TO-92 and SC70
logo
Micrel Semiconductor
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com