Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61180 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61180
Description  WLED DRIVER FOR NOTEBOOK DISPLAY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61180 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61180 Datasheet HTML 3Page - Texas Instruments TPS61180 Datasheet HTML 4Page - Texas Instruments TPS61180 Datasheet HTML 5Page - Texas Instruments TPS61180 Datasheet HTML 6Page - Texas Instruments TPS61180 Datasheet HTML 7Page - Texas Instruments TPS61180 Datasheet HTML 8Page - Texas Instruments TPS61180 Datasheet HTML 9Page - Texas Instruments TPS61180 Datasheet HTML 10Page - Texas Instruments TPS61180 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
80
82
84
86
88
90
92
94
96
98
100
0
25
50
75
100
125
150
I
-OutputCurrent-mA
O
V
=11V
bat
V
=28.8V
O
V
=17.6V
O
V
=23.2V
O
80
82
84
86
88
90
92
94
96
98
100
0
25
50
75
100
125
150
I
-OutputCurrent-mA
O
V
=11V
bat
V
=31.6V
O
V
=36.2V
O
TPS61180/1/2
www.ti.com
SLVS801E – DECEMBER 2007 – REVISED APRIL 2013
TYPICAL CHARACTERISTICS
Table of Graphs
Figure
Load Efficiency TPS61181
Vbat= 11V; VO=28.8V, 23.2V and 17.6V; L=4.7uH
Figure 2
Load Efficiency TPS61181
Vbat= 11V; VO=36.2V and 31.6V; L=4.7uH
Figure 3
Load Efficiency TPS61181
Vbat= 11V; VO=28.8V; L=4.7uH, L=10uH
Figure 4
Load Efficiency TPS61181
Vbat= 7V, 11V and 19V; VO=28.8V; L=4.7uH
Figure 5
PWM Dimming Efficiency
Vbat= 7V, 11V and 19V; VO=28.8V; Iset= 20μA; PWM Freq = 200Hz
Figure 6
PWM Dimming Efficiency
Vbat= 7V, 11V and 19V; VO=36.2V; Iset= 20μA; PWM Freq = 200Hz
Figure 7
Dimming Linearity
Vbat= 11V; VO=28.8V; Iset= 20μA; PWM Freq = 1kHz
Figure 8
Dimming Linearity
Vbat= 11V; VO=28.8V; Iset= 20μA; PWM Freq = 200Hz
Figure 9
Output Ripple
VO=28.8V; Iset= 20μA; PWM Freq = 200Hz; Duty = 50%
Figure 10
Switching Waveform
Vbat= 11V; Iset= 20μA
Figure 11
Output Ripple at PWM Dimming
Vbat= 11V; Iset= 20μA; PWM Freq = 200Hz; Duty = 50%; CO=4.7μF
Figure 12
Short Circuit Protection
Vbat= 11V; Iset= 20μA
Figure 13
Open WLED Protection
Vbat= 11V; Iset= 20μA
Figure 14
Startup Waveform
Vbat= 11V; Iset= 20μA
Figure 15
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 2.
Figure 3.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS61180/1/2


Similar Part No. - TPS61180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTE TI-TPS61180RTE Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTER TI-TPS61180RTER Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTERG4 TI-TPS61180RTERG4 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTET TI-TPS61180RTET Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Similar Description - TPS61180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181A TI1-TPS61181A Datasheet
720Kb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
MARCH2011
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
   Boost WLED Driver for Backlights
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
[Old version datasheet]   Single-String WLED Driver for LCD TV
logo
Sanyo Semicon Device
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
ON Semiconductor
NCP5359 ONSEMI-NCP5359 Datasheet
152Kb / 9P
   Gate Driver for Notebook Power Systems
February, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com