Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z16FMC Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z16FMC
Description  USB Smart Cable with opto-isolator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z16FMC Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z16FMC Datasheet HTML 6Page - Zilog, Inc. Z16FMC Datasheet HTML 7Page - Zilog, Inc. Z16FMC Datasheet HTML 8Page - Zilog, Inc. Z16FMC Datasheet HTML 9Page - Zilog, Inc. Z16FMC Datasheet HTML 10Page - Zilog, Inc. Z16FMC Datasheet HTML 11Page - Zilog, Inc. Z16FMC Datasheet HTML 12Page - Zilog, Inc. Z16FMC Datasheet HTML 13Page - Zilog, Inc. Z16FMC Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MC MDS Module Description
UM023402-0811
4
Z16FMC™ Series Motor Control Development Kit
User Manual
Z16FMC MCU
The Z16FMC Series Flash microcontrollers are based on Zilog’s advanced ZNEO 16-bit
CPU core. Optimized for motor control applications, these devices support the control of
single- and multi-phase variable-speed motors. Target applications are large appliances,
small appliances and HVAC.
The Z16FMCSeries Motor Control Development Kit consists of circuitry to support and
present all the features of the Z16FMC MCU. The key features of the Z16FMC MCU
include:
16-bit optimized single-cycle CISC core
Up to 128KB of in-circuit programmable Flash memory
Highly integrated digital/analog peripherals
Operational Amplifier
Analog Comparator
Internal Precision Oscillator
4-Channel DMA Controller
12-bit PWM module with three complementary pairs or six independent PWM
outputs
Flexible communication interface including a 9-bit UART with LIN and IrDA, I2C,
and ESPI
12-Channel, 10-bit ADC with a 2.1μs conversion time
For more information about the Z16FMC MCU, refer to the Z16FMC Series Motor Con-
trol Product Specification (PS0287) or the Z16FMC Series Flash Microcontroller Product
Brief (PB0229) available from the kit’s CD-ROM and also available for download at
www.zilog.com.
Connector JP2
Connector JP2 is a 60-pin header that connects I/O from the Z16FMC MCU to the 3-Phase
Motor Control Application Board. Figure 3 displays the pin layout. Table 1, which fol-
lows, identifies the signals and their functions.


Similar Part No. - Z16FMC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z16F2800100MODG ZILOG-Z16F2800100MODG Datasheet
196Kb / 10P
   Mini-Z??ZNEO 28-Pin Module
Z16F2800100MODG ZILOG-Z16F2800100MODG Datasheet
901Kb / 11P
   Mini-Z??Solid State Relay Design Board
Z16F2810AG20AG ZILOG-Z16F2810AG20AG Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
Z16F2810AG20EG ZILOG-Z16F2810AG20EG Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
Z16F2810AG20SG ZILOG-Z16F2810AG20SG Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
More results

Similar Description - Z16FMC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
UM018115-1016 ZILOG-UM018115-1016 Datasheet
287Kb / 12P
   USB Smart Cable
logo
Bedford Opto Technology...
OPI2000 BOT-OPI2000 Datasheet
37Kb / 3P
   High Speed Opto Isolator
OPI2000MK BOT-OPI2000MK Datasheet
133Kb / 2P
   High Speed Opto Isolator
logo
EVER-WAY INDUSTRY COMPA...
EW-BI-150 EVER-WAY-EW-BI-150 Datasheet
281Kb / 3P
   Smart battery isolator
logo
Littelfuse
48525 LITTELFUSE-48525 Datasheet
1Mb / 4P
   SMART BATTERY ISOLATOR
2016 Rev: 120116
logo
Bedford Opto Technology...
OPI2000M BOT-OPI2000M_12 Datasheet
106Kb / 5P
   High Speed Opto Isolator Surface Mount
OPI2000MTH BOT-OPI2000MTH_12 Datasheet
96Kb / 4P
   High Speed Opto Isolator Through Hole
logo
Contec Co., Ltd
DIO-6464LX-USB CONTEC-DIO-6464LX-USB Datasheet
870Kb / 7P
   Digital I/O Unit with Opto-Isolation for USB
logo
Littelfuse
48540 LITTELFUSE-48540 Datasheet
721Kb / 4P
   FlexMod™ SMART BATTERY ISOLATOR CONTROLLER
2017 Rev: 053117
logo
Contec Co., Ltd
DIO-3232LX-USB CONTEC-DIO-3232LX-USB Datasheet
334Kb / 5P
   Digital I/O Unit with Opto-Isolation for USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com