Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17-9009-10 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # 17-9009-10
Description  Real-time clock support
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

17-9009-10 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button 17-9009-10 Datasheet HTML 4Page - Zilog, Inc. 17-9009-10 Datasheet HTML 5Page - Zilog, Inc. 17-9009-10 Datasheet HTML 6Page - Zilog, Inc. 17-9009-10 Datasheet HTML 7Page - Zilog, Inc. 17-9009-10 Datasheet HTML 8Page - Zilog, Inc. 17-9009-10 Datasheet HTML 9Page - Zilog, Inc. 17-9009-10 Datasheet HTML 10Page - Zilog, Inc. 17-9009-10 Datasheet HTML 11Page - Zilog, Inc. 17-9009-10 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
PS023603-0907
P R E L I M I N A R Y
Pin Description
eZ80F91 Mini Enet Module
Product Specification
4
Pin Description
Mini Module Connector J1 – Peripheral Bus
Figure 2 illustrates the pin layout of the 56-pin Peripheral Bus Connector (J1) of the
eZ80F91 Mini Enet Module. The eZ80F91 Mini Enet Module is designed to connect to
your applications via connectors J1 and J2, where the entire system bus and I/O port
signals are available. The module is also compatible with Zilog’s eZ80F91 Modular
Development System (eZ80F910100KIT). Table 1 on page 5 lists the pins and their
functions.
Figure 2. eZ80F91 Mini Enet Module Peripheral Bus Mini Connector Pin Configuration—J1
D4
A21
-HALT_SL P
-CS0
A20
VCC_33V
A14
A2
VCC_33V
GND
A6
GND
A5
A8
A17
D7
GND
GND
A13
A3
D5
-CS2
A4
D1
GND
D0
-WR
D3
VCC_33V
-F91_WE
VCC_33V
A19
VCC_SRAM
VCC_SRAM
RTC_VDD
A22
A0
GND
A10
-CS3
D2
A11
GND
A18
A7
GND
A9
GND
A1
A15
A16
A23
A12
-RD
D6
GND
J1
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
51
53
55
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
52
54
56


Similar Part No. - 17-9009-10

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
17-002-152FBP ARIES-17-002-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
17-002-171PTLHT ARIES-17-002-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
17-002-172PTLHT ARIES-17-002-172PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
17-002-173PTLHT ARIES-17-002-173PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
17-002.125-152FBP ARIES-17-002.125-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
More results

Similar Description - 17-9009-10

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
   Real-Time Clock and Clock Management Support IC for Microcontrollers
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com