Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51218 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51218
Description  HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51218 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS51218 Datasheet HTML 5Page - Texas Instruments TPS51218 Datasheet HTML 6Page - Texas Instruments TPS51218 Datasheet HTML 7Page - Texas Instruments TPS51218 Datasheet HTML 8Page - Texas Instruments TPS51218 Datasheet HTML 9Page - Texas Instruments TPS51218 Datasheet HTML 10Page - Texas Instruments TPS51218 Datasheet HTML 11Page - Texas Instruments TPS51218 Datasheet HTML 12Page - Texas Instruments TPS51218 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
6
200
10
14
18
22
V
IN – Input Voltage – V
250
500
350
300
450
400
I
O = 10 A
Auto-Skip
8
12
16
20
R
RF = 100 kW
R
RF = 39 kW
R
RF = 200 kW
R
RF = 470 kW
0.001
0.1
0.01
100
I
OUT – Output Current – A
1
1000
10
100
V
IN = 12 V
R
RF = 470 kW
0.1
1
10
FCCM
Auto-Skip
0.001
0.1
0.01
100
1
1000
10
100
V
IN = 12 V
R
RF = 200 kW
0.1
1
10
FCCM
Auto-Skip
I
OUT – Output Current – A
0.001
0.1
0.01
100
1
1000
10
100
V
IN = 12 V
R
RF = 100 kW
0.1
1
10
FCCM
Auto-Skip
I
OUT – Output Current – A
TPS51218
www.ti.com
SLUS935B
– MAY 2009 – REVISED FEBRUARY 2012
TYPICAL CHARACTERISTICS (continued)
SWITCHING FREQUENCY
SWITCHING FREQUENCY
vs
vs
INPUT VOLTAGE
OUTPUT CURRENT
Figure 5.
Figure 6.
SWITCHING FREQUENCY
SWITCHING FREQUENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
Copyright
© 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS51218


Similar Part No. - TPS51218

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51218 TI-TPS51218 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218DSCR TI-TPS51218DSCR Datasheet
1Mb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218DSCT TI-TPS51218DSCT Datasheet
1Mb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
More results

Similar Description - TPS51218

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51211 TI1-TPS51211 Datasheet
677Kb / 26P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51211 TI-TPS51211_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Single Synchronous Step-Down Controller For Notebook Power Supply
TPS51217 TI-TPS51217 Datasheet
1,006Kb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51217 TI-TPS51217_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI-TPS51218 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
   Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Texas Instruments
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com