Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5430 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS5430
Description  3-A, Wide Input Range, Step-Down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5430 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS5430_17 Datasheet HTML 4Page - Texas Instruments TPS5430_17 Datasheet HTML 5Page - Texas Instruments TPS5430_17 Datasheet HTML 6Page - Texas Instruments TPS5430_17 Datasheet HTML 7Page - Texas Instruments TPS5430_17 Datasheet HTML 8Page - Texas Instruments TPS5430_17 Datasheet HTML 9Page - Texas Instruments TPS5430_17 Datasheet HTML 10Page - Texas Instruments TPS5430_17 Datasheet HTML 11Page - Texas Instruments TPS5430_17 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
80
90
100
110
120
130
140
150
160
170
180
−50
−25
0
25
50
75
100
125
T J −JunctionTemperature − °C
V I =12V
7
7.5
8
8.5
9
−50
−25
0
25
50
75
100
125
TJ − JunctionTemperature − °C
5
10
15
20
25
0
5
10
15
20
25
30
35
40
T J =125°C
T J =27°C
T J = –
°
40 C
ENA=0V
V I −InputV oltage −V
1.210
1.215
1.220
1.225
1.230
-50
-25
0
25
50
75
100
125
T -JunctionTemperature-°C
J
460
470
480
490
500
510
520
530
−50
−25
0
25
50
75
100
125
T − JunctionTemperature − °C
2.5
2.75
3
3.25
3.5
−50
−25
0
25
50
75
100
125
T J −JunctionT emperature − °C
V =12V
I
8
TPS5430, TPS5431
SLVS632I – JANUARY 2006 – REVISED APRIL 2017
www.ti.com
Product Folder Links: TPS5430 TPS5431
Submit Documentation Feedback
Copyright © 2006–2017, Texas Instruments Incorporated
6.6 Typical Characteristics
Figure 1. Oscillator Frequency vs. Junction Temperature
Figure 2. Non-Switching Quiescent Current vs. Junction
Temperature
Figure 3. Shutdown Quiescent Current vs. Input Voltage
Figure 4. Voltage Reference vs. Junction Temperature
Figure 5. On Resistance vs. Junction Temperature
Figure 6. Internal Slow Start Time vs. Junction Temperature


Similar Part No. - TPS5430_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5430 TI-TPS5430_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS543x 3-A, Wide Input Range, Step-Down Converter
More results

Similar Description - TPS5430_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5431DDAR TI-TPS5431DDAR Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5430-Q1 TI-TPS5430-Q1 Datasheet
982Kb / 27P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT CONVERTER
TPS5430 TI-TPS5430_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS543x 3-A, Wide Input Range, Step-Down Converter
TPS5430-Q1 TI-TPS5430-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS5430-Q1 3-A Wide-Input-Range Step-Down Converter
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com