Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3851-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3851-Q1
Description  High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3851-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3851-Q1 Datasheet HTML 1Page - Texas Instruments TPS3851-Q1 Datasheet HTML 2Page - Texas Instruments TPS3851-Q1 Datasheet HTML 3Page - Texas Instruments TPS3851-Q1 Datasheet HTML 4Page - Texas Instruments TPS3851-Q1 Datasheet HTML 5Page - Texas Instruments TPS3851-Q1 Datasheet HTML 6Page - Texas Instruments TPS3851-Q1 Datasheet HTML 7Page - Texas Instruments TPS3851-Q1 Datasheet HTML 8Page - Texas Instruments TPS3851-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
RESET
VDD
GND
TPS3851-Q1
1.8 V
Microcontroller
SET1
VDD
RESET
GND
WDO
NMI
CWD
MR
WDI
GPIO
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS3851-Q1
SBVS286 – MARCH 2017
TPS3851-Q1 High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
1
1 Features
1
AEC-Q100 Qualified with the Following Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C4B
Input Voltage Range: VDD = 1.6 V to 6.5 V
1% Voltage Threshold Accuracy
Low Supply Current: IDD = 10 µA (typ)
User-Programmable Watchdog Timeout
Factory Programmed Precision Watchdog and
Reset Timers:
±15% Accurate WDT and RST Delays
Open-Drain Outputs
Precision Undervoltage Monitoring:
Supports Common Rails from 1.8 V to 5.0 V
4% and 7% Undervoltage Thresholds
Available
0.5% Hysteresis
Watchdog Disable Feature
Available in a Small 3-mm × 3-mm, 8-Pin VSON
Package
2 Applications
Safety Critical Applications
Automotive Vision Systems
Automotive ADAS Systems
Telematics Control Units
FPGAs and ASICs
Microcontrollers and DSPs
3 Description
The
TPS3851-Q1
device
combines
a
precision
voltage supervisor with a programmable watchdog
timer. The TPS3851-Q1 comparator achieves a 0.8%
accuracy (–40°C to +125°C) for the undervoltage
(VITN) threshold. The TPS3851-Q1 also includes
accurate hysteresis on the undervoltage threshold
making the device ideal for use with tight tolerance
systems. The supervisor RESET delay features a
15% accuracy, high-precision delay timing.
The
TPS3851-Q1
includes
a
programmable
watchdog timer for a wide variety of applications. The
dedicated watchdog output (WDO) enables increased
resolution to help determine the nature of fault
conditions.
The
watchdog
timeouts
can
be
programmed either by an external capacitor, or by
factory-programmed
default
delay
settings.
The
watchdog can be disabled via logic pins to avoid
undesired watchdog timeouts during the development
process.
The TPS3851-Q1 is available in a small 3.00-mm ×
3.00-mm, 8-pin VSON package. The TPS3851-Q1
features wettable flanks that allow for easy optical
inspection.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS3851-Q1
VSON (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit


Similar Part No. - TPS3851-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3851 TI1-TPS3851 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
TPS3851G18EDRBR TI1-TPS3851G18EDRBR Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
TPS3851G18EDRBT TI1-TPS3851G18EDRBT Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
TPS3851G18SDRBR TI1-TPS3851G18SDRBR Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
TPS3851G18SDRBT TI1-TPS3851G18SDRBT Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
More results

Similar Description - TPS3851-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3852-Q1 TI1-TPS3852-Q1 Datasheet
503Kb / 28P
[Old version datasheet]   High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
TPS3851 TI1-TPS3851 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
UCC1946 TI-UCC1946 Datasheet
105Kb / 6P
[Old version datasheet]   Microprocessor Supervisor with Watchdog Timer
UCC2946-Q1 TI1-UCC2946-Q1 Datasheet
231Kb / 13P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC3946DTRG4 TI1-UCC3946DTRG4 Datasheet
664Kb / 17P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Texas Instruments
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com