Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3808G18 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS3808G18
Description  Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3808G18 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3808G18 Datasheet HTML 3Page - Texas Instruments TPS3808G18 Datasheet HTML 4Page - Texas Instruments TPS3808G18 Datasheet HTML 5Page - Texas Instruments TPS3808G18 Datasheet HTML 6Page - Texas Instruments TPS3808G18 Datasheet HTML 7Page - Texas Instruments TPS3808G18 Datasheet HTML 8Page - Texas Instruments TPS3808G18 Datasheet HTML 9Page - Texas Instruments TPS3808G18 Datasheet HTML 10Page - Texas Instruments TPS3808G18 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Time
0.8V
0.0V
V
IT + VHYS
V
IT
0.7V
DD
0.3V
DD
MR
SENSE
RESET
V
DD
t
D
t
D
t
D
t
D = Reset Delay
= Undefined State
7
TPS3808
www.ti.com
SBVS050K – MAY 2004 – REVISED OCTOBER 2015
Product Folder Links: TPS3808
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
(1)
RLRESET and CLRESET are the resistor and capacitor connected to the RESET pin.
7.6 Switching Characteristics
1.7 V
≤ VDD ≤ 6.5 V, RLRESET = 100 kΩ, CLRESET = 50 pF, over operating temperature range (TJ = –40°C to 125°C), unless
otherwise noted. Typical values are at TJ = 25°C.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tw
Input pulse width to
RESET
SENSE
VIH = 1.05 VIT, VIL = 0.95 VIT
20
μs
MR
VIH = 0.7 VDD, VIL = 0.3 VDD
0.001
td
RESET delay time
CT = Open
See Figure 1
12
20
28
ms
CT = VDD
180
300
420
CT = 100 pF
0.75
1.25
1.75
CT = 180 nF
0.7
1.2
1.7
s
Propagation delay
MR to RESET
VIH = 0.7 VDD, VIL = 0.3 VDD
150
ns
High-to-low level RESET
delay
SENSE to RESET
VIH = 1.05 VIT, VIL = 0.95 VIT
20
μs
Figure 1. TPS3808 Timing Diagram Showing MR and SENSE Reset Timing


Similar Part No. - TPS3808G18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G18 TI-TPS3808G18 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G18 TI-TPS3808G18 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G18 TI-TPS3808G18 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G18 TI-TPS3808G18 Datasheet
486Kb / 18P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G18 TI-TPS3808G18 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Similar Description - TPS3808G18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com