Electronic Components Datasheet Search |
|
TPS2377D-1G4 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
TPS2377D-1G4 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 27 page data sheet TPS2375-1 TPS2377-1 www.ti.com ......................................................................................................................................................... SLVS570A – MARCH 2005 – REVISED APRIL 2008 The CLASS pin must not be shorted to ground. DET: Connect a resistor, R(DET), between DET and VDD. This resistor should equal 24.9 kΩ, ±1% for most applications. R(DET) is connected across the input line when V(VDD) lies between 1.4 V and 11.3 V, and is disconnected when the line voltage exceeds this range to conserve power. This voltage range has been chosen to allow detection with two silicon rectifiers between the controller and the RJ-45 connector. VSS: This is the input supply negative rail that serves as a local ground. RTN: This pin provides the switched negative power rail used by the downstream circuits. The operational and inrush current limit control current into the pin. The PG circuit monitors the RTN voltage and also uses it as the return for the PG pin pulldown transistor. The internal MOSFET body diode clamps VSS to RTN when voltage is present between VDD and RTN and the Power-over-Ethernet (PoE) input is not present. PG: This pin goes to a high resistance state when the internal MOSFET that feeds the RTN pin is enabled, and the device is not in inrush current limiting. In all other states except detection, the PG output is pulled to RTN by the internal open-drain transistor. Performance is ensured with at least 4 V between VDD and RTN. PG is an open-drain output; therefore, it may require a pullup resistor or other interface. VDD: This is the positive input supply that is also common to downstream load circuits. This pin provides operating power and allows the controller to monitor the line voltage to determine the mode of operation. Copyright © 2005–2008, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): TPS2375-1 TPS2377-1 |
Similar Part No. - TPS2377D-1G4 |
|
Similar Description - TPS2377D-1G4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |