Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA00447PWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # HPA00447PWR
Description  IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA00447PWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button HPA00447PWR Datasheet HTML 7Page - Texas Instruments HPA00447PWR Datasheet HTML 8Page - Texas Instruments HPA00447PWR Datasheet HTML 9Page - Texas Instruments HPA00447PWR Datasheet HTML 10Page - Texas Instruments HPA00447PWR Datasheet HTML 11Page - Texas Instruments HPA00447PWR Datasheet HTML 12Page - Texas Instruments HPA00447PWR Datasheet HTML 13Page - Texas Instruments HPA00447PWR Datasheet HTML 14Page - Texas Instruments HPA00447PWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Detection
Classification
PD Powered
Idle
1.4V
V(CL_ON)
V(CU_OFF)
V(CU_H)
V(UVLO_F)
V(UVLO_R)
V(VDD)
DETECTION
CLASSIFICATION
data sheet
TPS2375-1
TPS2377-1
www.ti.com ......................................................................................................................................................... SLVS570A – MARCH 2005 – REVISED APRIL 2008
Figure 17. Threshold Voltages
This feature of IEEE 802.3af eliminates powering and potentially damaging Ethernet devices not intended for
application of 48 V. When a voltage in the range of 2.7 V to 10.1 V is applied to the PI, an incremental resistance
of 25 k
Ω signals the PSE that the PD is capable of accepting power. A PD that is capable of accepting power,
but is not ready, may present an incorrect signature intentionally. The incremental resistance is measured by
applying two different voltages to the PI and measuring the current it draws. These two test voltages must be
within the specified range and be at least 1 V apart. The incremental resistance equals the difference between
the voltages divided by the difference between the currents. The allowed range of resistance is 23.75 k
Ω to
26.25 k
Ω.
The TPS2375-1 is in detection mode whenever the supply voltage is below the lower classification threshold. The
TPS2375-1 draws a minimum of bias power in this condition, while PG and RTN are high impedance and the
circuits associated with ILIM and CLASS are disabled. The DET pin is pulled to ground during detection. Current
flowing through R(DET) to VSS (Figure 1) produces the detection signature. For most applications, a 24.9-kΩ, 1%,
resistor is recommended. R(DET) can be a small, low-power resistor because it only sees a stress of about 5 mW.
When the input voltage rises above the 11.3 V lower classification comparator threshold, the DET pin goes to an
open-drain condition to conserve power.
The input diode bridge incremental resistance can be hundreds of ohms at the low currents seen at 2.7 V on the
PI. The bridge resistance is in series with R(DET) and increases the total resistance seen by the PSE. This varys
with the type of diode selected by the designer, and it is not usually specified on the diode data sheet. The value
of R(DET) may be adjusted downwards to accommodate a particular diode type.
Once the PSE has detected a PD, it may optionally classify the PD. This process allows a PSE to determine the
PD power requirements in order to allot only as much power as necessary from its fixed input power source. This
allows the PSE to power the maximum number of PDs from a particular power budget. This step is optional
because some PSEs can afford to allot the full power to every powered port.
The classification process applies a voltage between 14.5 V and 20.5 V to the input of the PD, which in turn
draws a fixed current set by R(CLASS). The PSE measures the PD current to determine which of the five available
classes (Table 1) that the PD is signalling. The total current drawn from the PSE during classification is the sum
of bias currents and current through R(CLASS). The TPS2375-1 disconnects R(CLASS) at voltages above the
classification range to avoid excessive power dissipation (Figure 16 and Figure 17).
The value of R(CLASS) should be chosen from the values listed in Table 1 based on the average power
requirements of the PD. The power rating of this resistor should be chosen so that it is not overstressed for the
required 75-ms classification period, during which 10 V is applied. The PD could be in classification for extended
periods during bench test conditions, or if an auxiliary power source with voltage within the classification range is
connected to the PD front end. Thermal protection may activate and turn classification off if it continues for more
than 75 ms, but the design must not rely on this function to protect the resistor.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS2375-1 TPS2377-1


Similar Part No. - HPA00447PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA00441ZALR TI1-HPA00441ZALR Datasheet
744Kb / 10P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
HPA00442PWP TI1-HPA00442PWP Datasheet
1Mb / 55P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
HPA00443PWPR TI1-HPA00443PWPR Datasheet
1Mb / 55P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
HPA00444AIDBVR TI1-HPA00444AIDBVR Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
HPA00444AIDBVT TI1-HPA00444AIDBVT Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
More results

Similar Description - HPA00447PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Monolithic Power System...
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5969A MAXIM-MAX5969A Datasheet
1Mb / 14P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
Rev 0; 12/09
MAX5969A MAXIM-MAX5969A_V01 Datasheet
713Kb / 15P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com