Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2375-1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2375-1
Description  IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2375-1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2375-1_17 Datasheet HTML 1Page - Texas Instruments TPS2375-1_17 Datasheet HTML 2Page - Texas Instruments TPS2375-1_17 Datasheet HTML 3Page - Texas Instruments TPS2375-1_17 Datasheet HTML 4Page - Texas Instruments TPS2375-1_17 Datasheet HTML 5Page - Texas Instruments TPS2375-1_17 Datasheet HTML 6Page - Texas Instruments TPS2375-1_17 Datasheet HTML 7Page - Texas Instruments TPS2375-1_17 Datasheet HTML 8Page - Texas Instruments TPS2375-1_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
data sheet
TPS2375-1
TPS2377-1
SLVS570A – MARCH 2005 – REVISED APRIL 2008 ......................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
V(VDD) = 48 V, R(DET) = 24.9 kΩ, R(CLASS) = 255 Ω, R(ILIM) = 178 kΩ, and –40°C ≤ TJ ≤ 125°C, unless otherwise noted. Positive
currents are into pins. Typical values are at 25
°C. All voltages are with respect to VSS unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PG
Voltage threshold rising (3)
V(RTN) rising
9.5
10
10.5
V
PG deglitch
Delay rising and falling PG
75
150
225
µs
I(PG) = 2 mA, V(RTN) = 34 V,
0.12
0.4
V
V(VDD) = 38 V, V(RTN) falling
Output low voltage
I(PG) = 2 mA, V(RTN) = 0 V, V(VDD) = 25 V
0.12
0.4
V
Leakage current
V(PG) = 57 V, V(RTN) = 0 V
0.1
1
µA
UVLO
V(UVLO_R)
V(VDD) rising
38.4
39.3
40.4
V(UVLO_F)
TPS2375 Voltage at VDD
V(VDD) falling
29.6
30.5
31.5
V
Hysteresis
8.3
8.8
9.1
V(VDD) rising
34.1
35.1
36.0
TPS2377 Voltage at VDD
V(VDD) falling
29.7
30.5
31.4
V
Hysteresis
4.3
4.5
4.8
THERMAL SHUTDOWN
Shutdown temperature
Temperature rising
135
°C
Hysteresis
20
°C
BIAS CURRENT
Operating current
I(VDD)
240
450
µA
(3)
Start with V(RTN) = 0 V, then increase V(RTN) until PG switches. Measure before thermal shutdown occurs.
4
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2375-1 TPS2377-1


Similar Part No. - TPS2375-1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2375-1 TI-TPS2375-1 Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
More results

Similar Description - TPS2375-1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Monolithic Power System...
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5969A MAXIM-MAX5969A Datasheet
1Mb / 14P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
Rev 0; 12/09
MAX5969A MAXIM-MAX5969A_V01 Datasheet
713Kb / 15P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com