Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT84AD004CTD Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT84AD004CTD
Description  DUAL 8 BIT 500 MSPS ADC
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT84AD004CTD Datasheet(HTML) 5 Page - ATMEL Corporation

  AT84AD004CTD Datasheet HTML 1Page - ATMEL Corporation AT84AD004CTD Datasheet HTML 2Page - ATMEL Corporation AT84AD004CTD Datasheet HTML 3Page - ATMEL Corporation AT84AD004CTD Datasheet HTML 4Page - ATMEL Corporation AT84AD004CTD Datasheet HTML 5Page - ATMEL Corporation AT84AD004CTD Datasheet HTML 6Page - ATMEL Corporation AT84AD004CTD Datasheet HTML 7Page - ATMEL Corporation AT84AD004CTD Datasheet HTML 8Page - ATMEL Corporation AT84AD004CTD Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
5
AT84AD004
5390A–BDC–06/04
Figure 3. Dual Channel Digital Oscilloscope Application
Note:
Absolute maximum ratings are limiting values (referenced to GND = 0V), to be applied individually, while other parameters are
within specified operating conditions. Long exposure to maximum ratings may affect device reliability.
DAC
Gain
DAC
Offset
DAC
Offset
DAC
Gain
ADC B
ADC A
Timing
Circuit
FISO
RAM
Display
Channel Mode
Selection
µP
Clock
Selection
DACs
DACs
Smart Dual
ADC
A
A
Channel B
Channel A
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Analog positive supply voltage
VCCA
3.6
V
Digital positive supply voltage
V
CCD
3.6
V
Output supply voltage
V
CCO
3.6
V
Maximum difference between VCCA and VCCD
VCCA to VCCD
± 0.8
V
Minimum V
CCO
V
CCO
1.6
V
Analog input voltage
V
INI or VINIB
VINQ or VINQB
1/-1
V
Digital input voltage
V
D
-0.3 to V
CCD + 0.3
V
Clock input voltage
V
CLK or VCLKB
-0.3 to V
CCD + 0.3
V
Maximum difference between VCLK and VCLKB
VCLK - VCLKB
-2 to 2
V
Maximum junction temperature
T
J
125
°
C
Storage temperature
Tstg
-65 to 150
°
C
Lead temperature (soldering 10s)
Tleads
300
°
C


Similar Part No. - AT84AD004CTD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
AT84AD001BCTD ATMEL-AT84AD001BCTD Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
AT84AD001BITD ATMEL-AT84AD001BITD Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
List of Unclassifed Man...
AT84AD001C ETC-AT84AD001C Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
More results

Similar Description - AT84AD004CTD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS8308500 ATMEL-TS8308500 Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
logo
Texas Instruments
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
logo
Analog Devices
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
logo
NXP Semiconductors
TDA8757 PHILIPS-TDA8757 Datasheet
895Kb / 37P
   Triple 8-bit ADC 170 Msps
Rev. 07-28 February 2002
logo
Analog Devices
AD15252 AD-AD15252 Datasheet
628Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
AD15252 AD-AD15252_15 Datasheet
636Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
logo
Texas Instruments
AFE8406IZDQ TI-AFE8406IZDQ Datasheet
3Mb / 151P
[Old version datasheet]   14-BIT, 85 MSPS DUAL ADC, 8-CHANNEL WIDEBAND RECEIVER
AFE8406 TI-AFE8406 Datasheet
5Mb / 138P
[Old version datasheet]   14-Bit, 85 MSPS Dual ADC, 8-Channel Wideband Receiver
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com