Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71501DCKR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71501DCKR
Description  50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71501DCKR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS71501DCKR Datasheet HTML 3Page - Texas Instruments TPS71501DCKR Datasheet HTML 4Page - Texas Instruments TPS71501DCKR Datasheet HTML 5Page - Texas Instruments TPS71501DCKR Datasheet HTML 6Page - Texas Instruments TPS71501DCKR Datasheet HTML 7Page - Texas Instruments TPS71501DCKR Datasheet HTML 8Page - Texas Instruments TPS71501DCKR Datasheet HTML 9Page - Texas Instruments TPS71501DCKR Datasheet HTML 10Page - Texas Instruments TPS71501DCKR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
f − Frequency − Hz
0
80
50
10
70
20
30
60
VIN = 4.3 V
VOUT = 3.3 V
COUT = 10 F
m
TJ = 25 C
°
IOUT = 1 mA
100
1 M
10
1k
10k
100k
10 M
IOUT = 50 mA
40
90
100
TJ − Junction Temperature − °C
−40
5
−25
20
35
65
110 125
50
−10
80
95
VIN = 3.2 V
IOUT = 50 mA
IOUT = 10 mA
0
100
200
300
400
500
600
0
0.1
0.2
0.4
0.5
0.6
0.7
0.8
0.9
1
0
3
6
9
12
15
VIN − Input Voltage − V
IOUT = 50 mA
TJ = 25 C
°
TJ = −40 C
°
TJ = 125 C
°
0.3
TPS715
www.ti.com
SLVS338R – MAY 2001 – REVISED APRIL 2015
Typical Characteristics (continued)
Figure 7. TPS71501 Dropout Voltage vs Input Voltage
Figure 8. Dropout Voltage vs Junction Temperature
Figure 9. Power Supply Ripple Rejection vs Frequency
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS715


Similar Part No. - TPS71501DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71501DCKR TI-TPS71501DCKR Datasheet
294Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS71501DCKR TI-TPS71501DCKR Datasheet
229Kb / 11P
[Old version datasheet]   50 mA, 24 V, 3.2U Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501DCKR TI-TPS71501DCKR Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501DCKR TI1-TPS71501DCKR Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
TPS71501DCKR TI-TPS71501DCKR Datasheet
3Mb / 29P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
More results

Similar Description - TPS71501DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI-TPS715 Datasheet
294Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS715 TI-TPS715_15 Datasheet
921Kb / 21P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501 TI-TPS71501 Datasheet
229Kb / 11P
[Old version datasheet]   50 mA, 24 V, 3.2U Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS71501-Q1 TI-TPS71501-Q1_V01 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS715 TI1-TPS715_V03 Datasheet
3Mb / 32P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com